Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7162828PDPQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7162828PDPQR
Description  Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7162828PDPQR Datasheet(HTML) 4 Page - Texas Instruments

  TLV7162828PDPQR Datasheet HTML 1Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 2Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 3Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 4Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 5Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 6Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 7Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 8Page - Texas Instruments TLV7162828PDPQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EN1
IN
EN2
6
5
4
OUT1
OUT2
GND
1
2
3
TLV716
TLV716P
SBVS217A – JUNE 2013 – REVISED SEPTEMBER 2013
www.ti.com
PIN CONFIGURATION
DPQ PACKAGE
1,2-mm × 1,2-mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
Regulated output voltage pin.
OUT1
1
See the Input and Output Capacitor Requirements section in the Application Information for more details.
Regulated output voltage pin.
OUT2
2
See the Input and Output Capacitor Requirements section in the Application Information for more details.
GND
3
Ground pin.
Enable pin for regulator 2. Driving EN2 over 0.9 V turns on regulator 2.
EN2
4
Driving EN2 below 0.4 V places regulator 2 into shutdown mode.
Input pin.
IN
5
See the Input and Output Capacitor Requirements section in the Application Information for more details.
Enable pin for regulator 1. Driving EN1 over 0.9 V turns on regulator 1.
EN1
6
Driving EN1 below 0.4 V places regulator 1 into shutdown mode.
PAD
Connecting the thermal pad to the ground plane improves the thermal performance.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TLV7162828PDPQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716P TI-TLV716P Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
More results

Similar Description - TLV7162828PDPQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com