Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS00A Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # APS00A
Description  High Resolution Magnetic Angular Position Sensor IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

APS00A Datasheet(HTML) 2 Page - Honeywell Accelerometers

  APS00A Datasheet HTML 1Page - Honeywell Accelerometers APS00A Datasheet HTML 2Page - Honeywell Accelerometers APS00A Datasheet HTML 3Page - Honeywell Accelerometers APS00A Datasheet HTML 4Page - Honeywell Accelerometers APS00A Datasheet HTML 5Page - Honeywell Accelerometers APS00A Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APS00B
2
www.honeywell.com/sensing
POTENTIAL APPLICATIONS
Transportation:
High accuracy angular position sensing
Rotary speed and angle detection
Non-contact precision displacement sensing
Speed and direction sensing
Medical:
High accuracy angular position sensing
Rotary speed and angle detection
Non-contact precision displacement sensing
Industrial:
High accuracy angular position sensing
Rotary speed and angle detection
Non-contact precision displacement sensing
Valve position
Robotics control
Table 1. Absolute Maximum Ratings*
Parameter
Min.
Max.
Unit
Supply voltage
-12
+12
V
Power Dissipation
200
mW
Operating Temperature
-55 [-67]
150 [302]
°C [°F]
Magnetic flux
no limit
Gauss
*Absolute maximum ratings are the extreme limits the device will withstand without damage to the device. However, the electrical
and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are
approached, nor will the device necessarily operate at absolute maximum ratings.
Table 2. Characteristics (At Vs = 5.0 V and Ta = 25 °C [77 °F] unless otherwise noted.)
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply voltage
5
12
V
Operatingt Temperature
-40 [-40]
150 [302]
°C [°F]
Bridge resistance
bridges are connected in parallel
0.9
1.25
1.6
kOhm
Supply current
4.0
7.0
mA
Sensitivity
around zero crossing
2.1
2.3
mV/°
Angle range
B > saturation field
-90
+90
°
Resolution
0.05
°
Max. output amplitude
47.5
57.5
67.5
mV
Min. output amplitude
-47.5
-57.5
-67.5
mV
Output amplitude (peak to peak)
95
115
135
mV
Offset voltage
-1
1
mV
Amplitude change
at 140°C [284°F]
-34
-43
%
Amplitude change
at -40°C [-40 °F]
24
31
%
Offset shift
-2
2
mV
Synchronism
(Amp A/Amp B) * 100
97
103
%
Synchronism shift
-1
1
%
Saturation level
<10
μV/Gauss amplitude change
60
190
Gauss
Bandwidth
0 to 5.0
MHz


Similar Part No. - APS00A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
More results

Similar Description - APS00A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
   Angular Position Sensor
Rev ADB
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
ams AG
AS5020 AMSCO-AS5020 Datasheet
338Kb / 11P
   6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com