Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2542CDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2542CDGKR
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2542CDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2542CDGKR Datasheet HTML 5Page - Texas Instruments TLV2542CDGKR Datasheet HTML 6Page - Texas Instruments TLV2542CDGKR Datasheet HTML 7Page - Texas Instruments TLV2542CDGKR Datasheet HTML 8Page - Texas Instruments TLV2542CDGKR Datasheet HTML 9Page - Texas Instruments TLV2542CDGKR Datasheet HTML 10Page - Texas Instruments TLV2542CDGKR Datasheet HTML 11Page - Texas Instruments TLV2542CDGKR Datasheet HTML 12Page - Texas Instruments TLV2542CDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
3.3
5.5
V
Positive external reference voltage input, VREFP (see Note 1)
2
VDD
V
Analog input voltage (see Note 1)
0
VDD
V
High level control input voltage, VIH
2.1
V
Low-level control input voltage, VIL
0.6
V
Setup time, CS falling edge before first SCLK falling edge, VDD = REF = 4.5 V
40
ns
Setup time, CS falling edge before first SCLK falling edge,
tsu(CSL-SCLKL)
VDD = REF = 2.7 V
70
ns
Hold time, CS falling edge after SCLK falling edge, th(SCLKL-CSL)
5
ns
Delay time, delay from CS falling edge to FS rising edge, td(CSL-FSH) (TLV2541 only)
0.5
7
SCLKs
Setup time, FS rising edge before SCLK falling edge, tsu(FSH-SCLKL) (TLV2541 only)
0.35
SCLKs
Hold time, FS high after SCLK falling edge, th(SCLKL-FSL) (TLV2541 only)
0.65
SCLKs
Pulse width CS high time, tw(H_CS)
100
ns
Pulse width FS high time, tw(H_FS) (TLV2541 only)
0.75
SCLKs
SCLK cycle time, VDD = 3.6 V to 2.7 V, tc(SCLK) (maximum tolerance of 40/60 duty cycle)
90
10000
ns
SCLK cycle time, VDD = 5.5 V to 4.5 V, tc(SCLK) (maximum tolerance of 40/60 duty cycle)
50
10000
ns
Pulse width low time, tw(L_SCLK)
0.4
0.6
SCLK
Pulse width high time, tw(H_SCLK)
0.4
0.6
SCLK
Hold time, hold from end of conversion to CS high, th(EOC-CSH) (EOC is internal, indicates end of conversion
time, tc)
0.05
μs
Active CS cycle time to reset internal MUX to AIN0, t(reset cycle) (TLV2542 only)
4
7
SCLKs
Delay time delay from CS falling edge to SDO valid t
VDD = REF = 4.5 V, 25-pF load
40
ns
Delay time, delay from CS falling edge to SDO valid, td(CSL-SDOV)
VDD = REF = 2.7 V, 25-pF load
70
ns
Delay time, delay from FS falling edge to SDO valid, td(FSL-SDOV) VDD = REF = 4.5 V, 25-pF load
1
ns
Delay time, delay from FS falling edge to SDO valid, td(FSL-SDOV)
(TLV2541 only)
VDD = REF = 2.7 V, 25-pF load
1
ns
Delay time, delay from SCLK rising edge to SDO valid,
VDD = REF = 4.5 V, 25-pF load
11
ns
Delay time, delay from SCLK rising edge to SDO valid,
td(SCLKH-SDOV)
VDD = REF = 2.7 V, 25-pF load
21
ns
Delay time, delay from 17th SCLK rising edge to SDO 3-state,
VDD = REF = 4.5 V, 25-pF load
30
ns
Delay time, delay from 17th SCLK rising edge to SDO 3 state,
td(SCLK17H-SDOZ)
VDD = REF = 2.7 V, 25-pF load
60
ns
Conversion time, tc
Conversion clock = internal
oscillator
2.1
2.6
3.5
μs
Sampling time, t(sample)
See Note 2
300
ns
Operating free air temperature T
TLV2541/2/5C
0
70
°C
Operating free-air temperature, TA
TLV2541/2/5I
−40
85
°C
NOTES: 1. Analog input voltages greater than that applied to VREF convert as all ones (111111111111), while input voltages less than that applied
to GND convert as all zeros(000000000000).
2. Minimal t(sample) is given by 0.9 × 50 pF × (RS + 0.5 kΩ), where RS is the source output impedance.


Similar Part No. - TLV2542CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2542CDGK TI-TLV2542CDGK Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2542CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com