Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7163030PDPQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7163030PDPQR
Description  Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7163030PDPQR Datasheet(HTML) 1 Page - Texas Instruments

  TLV7163030PDPQR Datasheet HTML 1Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 2Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 3Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 4Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 5Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 6Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 7Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 8Page - Texas Instruments TLV7163030PDPQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IN
EN1
EN2
GND
OUT1
OUT2
On
Off
On
Off
V
IN
1.4 V to 5.5 V
V
OUT1
V
OUT2
1.0 V to 3.3 V
1.0 V to 3.3 V
TLV716
EN1
IN
EN2
6
5
4
OUT1
OUT2
GND
1
2
3
DPQ PACKAGE
1,2-mm x 1,2-mm SON
(TOP VIEW)
TLV716
TLV716P
www.ti.com
SBVS217A – JUNE 2013 – REVISED SEPTEMBER 2013
Capacitor-Free, Dual, 150-mA,
Low-Dropout Voltage Regulator (LDO) in 1,2-mm × 1,2-mm SON Package
1
FEATURES
DESCRIPTION
The TLV716 is a family of dual-channel, capacitor-
2
No Input or Output Capacitors Required
free,150-mA, low-dropout (LDO) voltage regulators
Inrush Current Control
with multiple fixed-output options available from 1.0 V
Low Crosstalk
to 3.3 V. These devices provide an initial 1%
accuracy and 1.5% accuracy over temperature.
Accuracy: 1%
Input Voltage Range: 1.4 V to 5.5 V
The TLV716 family is designed to be stable with or
without an input or output capacitor. Eliminating the
Multiple Fixed-Output Voltage Combinations
output capacitor allows for a very small solution size.
Possible from 1.0 V to 3.3 V
The TLV716P series provides an active pull-down
Foldback Current-Limit Protection
circuit to quickly discharge the output voltage if the
Package: 1,2-mm × 1,2-mm SON-6 (DPQ)
application requires an output capacitor.
The device provides inrush current control during
APPLICATIONS
device
power-up
and
enabling.
Inrush
control
provides constant-current charging of the output load
Wireless Handsets, Smart Phones, Tablets
during startup, thereby reducing the risk of an
Set-Top Boxes (STBs), Cameras, Modems
undesired overcurrent fault from the input supply or
Portable Battery-Powered Products
battery.
The TLV716 family is available in a 1,2-mm × 1,2-mm
SON-6 package and is ideal for space-constrained
applications.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV7163030PDPQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716P TI-TLV716P Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
More results

Similar Description - TLV7163030PDPQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
[Old version datasheet]   Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com