Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JX-41 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # JX-41
Description  Basic Switches Subminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

JX-41 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  JX-41 Datasheet HTML 1Page - Honeywell Accelerometers JX-41 Datasheet HTML 2Page - Honeywell Accelerometers JX-41 Datasheet HTML 3Page - Honeywell Accelerometers JX-41 Datasheet HTML 4Page - Honeywell Accelerometers JX-41 Datasheet HTML 5Page - Honeywell Accelerometers JX-41 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Basic Switches
SX Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
23
Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. –
Pretravel; O.T. – Overtravel; D.T. – Differential Travel; O.P. – Operating
Position
ORDER GUIDE
INTEGRAL LEVERS
Electrical
Data And O.F. max. R.F. min. P.T. max. O.T. min. D.T. max.
O.P.
Catalog
UL Code
newtons newtons
mm
mm
mm
mm
Listing
Description
Page 20
ounces
ounces
inches
inches
inches
inches
311SX1-T
.135 inch (3,43 mm)
straight lever
5 Amps
0,49
0,09
1,65
0,36
0,51
8,43
±1,14
A
1.76
.32
.065
.014
.020
.332
±.045
313SX1-T
As above with gold
contacts
1 Amp
0,49
0,09
1,65
0,36
0,51
8,43
±1,14
D
1.76
.32
.065
.014
.020
.332
±.045
Dim. Dwg. Fig. 3
311SX2-T
.505 inch (12,8 mm)
straight lever
5 Amps
0,31
0,05
2,92
0,64
0,89
8,26
±1,91
A
1.1
.18
.115
.025
.035
.325
±.075
313SX2-T
As above with gold
contacts
1 Amp
0,31
0,05
2,92
0,64
0,89
8,26
±1,91
D
1.1
.18
.115
.025
.035
.325
±.075
Dim. Dwg. Fig. 3
311SX3-T
.965 inch (24,5 mm)
straight lever
5 Amps
0,20
0,03
4,70
0,61
1,52
7,75
±2,92
A
.71
.11
.185
.024
.060
.305
±.115
313SX3-T
As above with gold
contacts
1 Amp
0,20
0,03
4,70
0,61
1,52
7,75
±2,92
D
.71
.11
.185
.024
.060
.305
±.115
Dim. Dwg. Fig. 4
311SX4-T
.042 inch (1,1 mm)
simulated roller lever
5 Amps
0,58
0,11
1,27
0,25
0,38
14,15
±0,91
A
2.1
.39
.050
.010
.015
.557
±.036
313SX4-T
As above with gold
contacts
1 Amp
0,58
0,11
1,27
0,25
0,38
14,15
±0,91
D
2.1
.39
.050
.010
.015
.557
±.036
Dim. Dwg. Fig. 5
311SX5-T
.459 inch (11,7 mm)
simulated roller lever
5 Amps
0,31
0,05
2,67
0,56
0,89
14,86
±1,65
A
1.1
.18
.105
.022
.035
.585
±.065
313SX5-T
As above, with gold
contacts
1 Amp
0,31
0,05
2,67
0,56
0,89
14,86
±1,65
D
1.1
.18
.105
.022
.035
.585
±.065
Dim. Dwg. Fig. 6


Similar Part No. - JX-41

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
JX-41 HONEYWELL-JX-41 Datasheet
53Kb / 1P
   I-SCREWS, NUTS, LOCKWASHERS AND INSULATOR FURNISIHED UNASSENBLED
More results

Similar Description - JX-41

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com