Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2244IPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2244IPWRG4
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2244IPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2244IPWRG4 Datasheet HTML 1Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 2Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 3Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 4Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2244IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Micropower Operation ... 1 µA/Channel
D Rail-to-Rail Input/Output
D Gain Bandwidth Product ... 5.5 kHz
D Supply Voltage Range ... 2.5 V to 12 V
D Specified Temperature Range
– TA = 0°C to 70°C... Commercial Grade
– TA = –40°C to 125°C... Industrial Grade
D Ultrasmall Packaging
– 5-Pin SOT-23 (TLV2241)
– 8-Pin MSOP (TLV2242)
D Universal OpAmp EVM
description
The TLV224x family of single-supply operational
amplifiers offers very low supply current of only
1
µA per channel.
The low supply current is coupled with extremely
low input bias currents enabling them to be used
with mega-
Ω resistors making them ideal for
portable, long active life, applications. DC
accuracy is ensured with a low typical offset
voltage as low as 600
µV, CMRR of 100 dB, and
minimum open loop gain of 100 V/mV at 2.7 V.
The maximum recommended supply voltage is as high as 12 V and ensured operation down to 2.5 V, with
electrical characteristics specified at 2.7 V, 5 V and 12 V. The 2.5-V operation makes it compatible with Li-Ion
battery-powered systems and many micropower microcontrollers available today including TI’s MSP430.
FAMILY PACKAGE TABLE
DEVICE
NO OF Ch
PACKAGE TYPES
UNIVERSAL
DEVICE
NO. OF Ch
PDIP
SOIC
SOT-23
TSSOP
MSOP
EVM
TLV2241
1
8
8
5
Refer to the EVM
TLV2242
2
8
8
8
Refer to the EVM
Selection Guide
TLV2244
4
14
14
14
(Lit# SLOU060)
SELECTION OF SINGLE SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VDD
(V)
VIO
(mV)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (PER CHANNEL)
(
µA)
RAIL-TO-RAIL
TLV240x‡
2.5–16
0.390
0.005
0.002
0.880
I/O
TLV224x
2.5–12
0.600
0.005
0.002
1
I/O
TLV2211
2.7–10
0.450
0.065
0.025
13
O
TLV245x
2.7–6
0.020
0.22
0.110
23
I/O
TLV225x
2.7–8
0.200
0.2
0.12
35
O
† All specifications are typical values measured at 5 V.
‡ This device also offers 18-V reverse battery protection and 5-V over-the-rail operation on the inputs.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
024
68
10
12
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
AV = 1
VIN = VCC / 2
TA =25 °C
Operational Amplifier
+
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2244IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2244IPWRG4 TI1-TLV2244IPWRG4 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2244IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com