Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AML51-J40Y Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # AML51-J40Y
Description  Buttons/Lens for Switches and Indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML51-J40Y Datasheet(HTML) 1 Page - Honeywell Accelerometers

  AML51-J40Y Datasheet HTML 1Page - Honeywell Accelerometers AML51-J40Y Datasheet HTML 2Page - Honeywell Accelerometers AML51-J40Y Datasheet HTML 3Page - Honeywell Accelerometers AML51-J40Y Datasheet HTML 4Page - Honeywell Accelerometers AML51-J40Y Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Manual Switches
AML51 Series
Buttons/Lens for Switches and Indicators
42
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
AML51 PUSHBUTTON ORDER GUIDE (All possible color combinations may not be available.)
For Incandescent or non-lighted display switches and pushbutton style indicators.
AML51-C
10
R
For AML11, 21, 31 switches and AML41 indicators:
Display
Full Color or
2nd
Pushbutton Style
Legend/Type
1st Color Split
Color Split
AML51-C
AML51-F
AML51-G
AML51-A
AML51-H
AML51-N
AML51-B*
AML51-E*
AML51-M*
AML51-R*
For AML41D indicators only:
AML51-D
R
Red
Y
Yellow
G
Green
B
Blue
W****
White
K***
Black
L***
Gray
A**
Amber
R
Red
Y
Yellow
G
Green
B
Blue
W****
White
K***
Black
L***
Gray
A**
Amber
Transmitted Color
10 No legend
20 With legend
on cap.
Transmitted Color
(Clear cap and
color insert)
11 No legend
21 With legend
on insert
Dead Front
(Smoky gray cap
and color insert)
30 No legend
40 With legend
on insert
****Projected Color
(White cap and
color insert)
50 No legend
60 With legend
on cap
*Available with transmitted color (10 or 20) only.
****Insert is clear for projected color when ‘‘W’’ is used.
Example: AML51-C10R
Square full color button; with transmitted color,
no legend; red.
**Available with transmitted color and dead front only.
***Black and gray not recommended for lighted display.
†AML51-N buttons not available with Display/Legend Types
10 and 20.
Note: Dimensions include the .060 in bezel.
AML51 LENS ORDER GUIDE (All possible color combinations may not be available.)
For incandescent display AML41J, K, and L lens style indicators only.
AML51-J
10
R
Full Color
Display/Legend
or 1st
2nd
3rd
Lens style
Type
Color Split Color Split
Color Split
AML51-J
AML51-K
AML51-L
Transmitted Color
R
R
R
10 No legend
Red
Red
Red
20 With legend
YY
Y
Transmitted Color
Yellow
Yellow
Yellow
(Clear cap and
color insert)
GG
G
11 No legend
Green
Green
Green
21 With legend
BB
B
Dead Front
Blue
Blue
Blue
(Smoky gray cap
and color insert)
W****
W****
W****
30 No legend
White
White
White
40 With legend
A**
A**
A**
****Projected Color
Amber
Amber
Amber
(White cap and
color insert)
50 No legend
60 With legend
**Not available with projected color.
****Insert is clear for projected color when ‘‘W’’ is used.
AML51 lens buttons provide added dis-
play area by snapping onto and covering
the bezel of AML41J, K, and L indicators.
They do not fit other indicators or switch-
es.
Example: AML51-J10R
Rectangular lens type button; full color;
transmitted color, no legend; red.
HOW TO ORDER BUTTON LEGENDS
When specifying legended buttons, sub-
mit a legend order sheet to cover each
listing. To insure proper legend orienta-
tion, AML housings (when viewed from
the panel front) should have the ‘‘MICRO
SWITCH’’ identification facing UP on
square devices and UP or to the LEFT on
rectangular.
Button legend order sheets are shown on
the following pages. Reproduce them on
your office copier.
Legend Sheet
Form No.
AML51 Pushbuttons
FO-63394
AML51 Lens buttons
FO-63395
AML52 Pushbuttons
FO-63504
AML53 Paddle switch covers
FO-63567
AML55 Paddle switch covers
FO-63565
AML54 Rockers
FO-63566
AML56 Rockers
FO-63564


Similar Part No. - AML51-J40Y

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
AML51-J HONEYWELL-AML51-J Datasheet
650Kb / 5P
   Manual Switches Buttons Lens for Switches and Indicators
More results

Similar Description - AML51-J40Y

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
AML51 HONEYWELL-AML51 Datasheet
650Kb / 5P
   Manual Switches Buttons Lens for Switches and Indicators
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Rohm
BD7844AEFV ROHM-BD7844AEFV Datasheet
332Kb / 14P
   LED Driver for Indicators and Signage
logo
Tyco Electronics
2-1437610-8 MACOM-2-1437610-8 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
2-1437610-2 MACOM-2-1437610-2 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
6000 MACOM-6000 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
2-1437610-9 MACOM-2-1437610-9 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
logo
List of Unclassifed Man...
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com