Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE-2RB-A4 Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # BE-2RB-A4
Description  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BE-2RB-A4 Datasheet(HTML) 5 Page - Honeywell Accelerometers

  BE-2RB-A4 Datasheet HTML 1Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 2Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 3Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 4Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 5Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 6Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 7Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 8Page - Honeywell Accelerometers BE-2RB-A4 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
50
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force;
R.F. — Release Force; P.T. — Pretravel;
O.T. — Overtravel; D.T. — Differential Travel;
O.P. — Operating Position.
OVERTRAVEL
PLUNGER
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min.
P.T. max.
O.T. min.
D.T.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RD72-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
Dim. Dwg. Fig. 11
BZ-2RD-A2
Added overtravel. For
manual operation and slow
20
° (max) cam rise
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
BZ-2RD24-A2
Operating in temperature
to
+250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
BM-1RD-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
1,52
.060
0,013-0,025
.0005-
.0010
21,21
.835
BZ-2RDS725551-A2
Applications requiring gold
alloy contacts plus
dustproof and splash
resistant seal
1 Amp
P
3,61-5,28
13-19
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RDS5551-A2
Dustproof and splash
resistant seal
15 Amps
A
3,61-5,28
13-19
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
Dim. Dwg. Fig. 12
BA-2RB-A2
Up to 20 ampere load
handling
20 Amps
G
3,89-6,12
14-22
2,78
10
1,27
.050
2,39
.094
0,05-0,19
.0020-
.0075
26,20
1.03
BE-2RB-A4
Up to 25 ampere load
handling
25 Amps
H
3,89-6,12
14-22
2,78
10
1,27
.050
2,39
.094
0,05-0,19
.0020-
.0075
26,20
1.03
Dim. Dwg. Fig. 13
BZ-2RS72-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
BZ-2RS-A2
Added overtravel. For
in-line operation and with JR
auxiliary actuators
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RS24-A2
Operating in temperature
to
+250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
BZ-2RST04
MIL-S-8805 application
requirements
15 Amps
A
2,5-3,61
9-13
1,67
6
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
(M8805/1-012)
Dim. Dwg. Fig. 14
BZ-RSX
Manual reset
solder terminals
15 Amps
E
1,95-2,64
7-9
0,30
.012
0,64
.025
2,79
1.11
BM-1RS-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
1,52
.060
0,013-0,025
.0005-
.0010
28,20
1.110
BZ-2RS7225551-A2
Applications requiring gold
alloy contacts plus
dustproof and splash
resistant seal
1 Amp
P
2,5-4,17
9-15
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RS5551-A2
Dustproof and splash
resistant seal
15 Amps
A
2,5-4,17
9-15
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
Dim. Dwg. Fig. 15
*
±0,51 mm
±.020 in.


Similar Part No. - BE-2RB-A4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BE-500G-1 MACOM-BE-500G-1 Datasheet
74Kb / 1P
   BE-500G-1 3PST N.O., 50 Amps, 120 VAC
logo
List of Unclassifed Man...
BE-8020 ETC2-BE-8020 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8040 ETC2-BE-8040 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8150 ETC2-BE-8150 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8610 ETC2-BE-8610 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
More results

Similar Description - BE-2RB-A4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com