Electronic Components Datasheet Search |
|
BE-2RB-A4 Datasheet(PDF) 9 Page - Honeywell Accelerometers |
|
BE-2RB-A4 Datasheet(HTML) 9 Page - Honeywell Accelerometers |
9 / 16 page Basic Switches BZ/BA Series Standard 54 Honeywell Sensing and Control For application help: call 1-800-537-6945. ROLLER LEVER ORDER GUIDE Characteristics: O.F. — Operating Force; R.F. — Release Force; P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P. — Operating Position. Electrical O.F. R.F. P.T. O.T. Data And max. min. max. min. D.T. O.P.* Catalog Recommended UL Code newtons newtons mm mm mm mm Listing For Page 46 ounces ounces inches inches inches inches BZ-2RW82725551-A2 Applications requiring gold alloy contacts, plus dustproof, and splash resistant seal 1 Amp 0,97 0,21 3,96 0,10-1,0 30,17 ±0,76 P 3.5 0.75 — .156 .004-.040 1.188 ±.030 BZ-2RW82-A2 1.90 inch (48,3 mm) (steel roller) lever applications 15 Amps 0,97 0,21 3,96 0,10-1,0 30,17 ±0,76 A 3.5 0.75 — .156 .004-.040 1.188 ±.030 BZ-2RW825551-A2 Dustproof and splash resistant seal 15 Amps 0,97 0,21 3,96 0,10-1,0 30,17 ±0,76 A 3.5 0.75 — .156 .004-.040 1.188 ±.030 BZ-2RW8224-A2 Operating in temperature to +250°F (121°C) 15 Amps 0,97 0,21 3,96 0,10-1,0 30,17 ±0,76 A 3.5 0.75 — .156 .004-.040 1.188 ±.030 BA-2RV2-A2 Up to 20 ampere load handling 20 Amps 0,97 0,14 11,89 1,52 2,16 30,17 ±0,76 G 3.5 0.5 .468 .060 .085 1.188 ±.030 BM-1RW82-A2 Up to 22 ampere load handling 22 Amps 0,97 0,21 3,96 0,08-0,56 30,17 ±0,76 F 3.5 0.75 — .156 .003-.022 1.188 ±.030 BE-2RV2-A4 Up to 25 ampere load handling 25 Amps 0,97 0,14 11,89 1,52 2,16 30,17 ±0,76 H 3.5 0.5 .468 .060 .085 max. 1.188 ±.030 BZ/BM TYPE Dim. Dwg. Fig. 29 BA/BE TYPE Dim. Dwg. Fig. 30 NOTE: For adjustable operate point and simulated roller lever switches, refer to previous page. BZ-RW922-A2 Best repeatability and O.P. stability 10 Amps 3,34 1,11 0,38 2,54 0,013-0,025 31,37 I 12 4 .015 .100 .0005-.0010 1.235 Dim. Dwg. Fig. 31 BZ-2RW826-A2 One-way roller (9,4 mm 3,8 mm) .37 dia. .15 wide roller 15 Amps 1,67 0,42 2,39 0,08-0,51 41,34 A 6 1.5 — .094 .003-.020 1.625 BZ-2RW825-A2 One-way roller (4,83 mm 4,83 mm) .19 dia. .19 wide roller 15 Amps 2,22 0,42 1,52 0,38 28,96 A 8 1.5 — .060 .015 1.14 Dim. Dwg. Fig. 32 Except where stated * ±0,38 mm ±.015 in. |
Similar Part No. - BE-2RB-A4 |
|
Similar Description - BE-2RB-A4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |