Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2801 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC2801
Description  OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2801 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC2801 Datasheet HTML 3Page - Texas Instruments TPIC2801 Datasheet HTML 4Page - Texas Instruments TPIC2801 Datasheet HTML 5Page - Texas Instruments TPIC2801 Datasheet HTML 6Page - Texas Instruments TPIC2801 Datasheet HTML 7Page - Texas Instruments TPIC2801 Datasheet HTML 8Page - Texas Instruments TPIC2801 Datasheet HTML 9Page - Texas Instruments TPIC2801 Datasheet HTML 10Page - Texas Instruments TPIC2801 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPIC2801
OCTAL INTELLIGENT POWER SWITCH
WITH SERIAL INPUT
SLIS008 − D3282, AUGUST 1989 − REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−7
timing requirements over receommended ranges of supply voltage and operating case
temperature (see Figure 1)
MIN
MAX
UNIT
fclock
Clock frequency, SCLK
0
500
kHz
tw(SCLKH)
Pulse duration, SCLK high
See Note 5
840
ns
tw(SCLKL)
Pulse duration, SCLK low
840
ns
tw(RST)
Pulse duration, RST low
1000
ns
tsu1
Setup time, SIOE
↓ before SCLK↑
1000
ns
tsu2
Setup time, SCLK
↓ before SIOE↑
1000
ns
tsu3
Setup time, SI high before SCLK
500
ns
th1
Hold time, SI low after SCLK
500
ns
tr
Rise time (SCLK, SI, SIOE)
2
µs
tf
Fall time (SCLK, SI, SIOE)
2
µs
NOTE 5: For cascaded operation, the clock pulse durations [tw (SCLKL) and tw (SCLKH) ] must be a minimum of 700 ns (giving a maximum clock
frequency of 632 kHz).
thermal characteristics
PARAMETER
MIN
MAX
UNIT
RθJC
Thermal resistance, junction-to-case temperature
3
°C/W
RθJA
Thermal resistance, junction-to-ambient temperature
35
°C/W
switching characteristics over recommended ranges of supply voltage and operating case
temperature
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
ten
Enable time
SIOE
SO
CL = 20 pF,
RL = 2 kΩ,
See Figure 2
1000
ns
tdis
Disable time
SIOE
SO
CL = 20 pF,
RL = 2 kΩ,
See Figure 2
1000
ns
td1
Delay time, valid data
SCLK
SO
CL = 200 pF, See Figure 3
740
ns
td2
Delay time, unlatch disable
SIOE
Yn
CL = 20 pF,
RL = 5 Ω,
See Figure 4
75
250
µs
tr(SO) Rise time, SO
CL = 200 pF, See Figure 3
150
ns
tf(SO) Fall time, SO
CL = 200 pF, See Figure 3
150
ns
td(on) Delay time, turn on
SIOE
Yn
CL = 20 pF,
See Figure 5
RL = 28 Ω, IOL = 500 mA,
10
µs
td(off) Delay time, turn off
SIOE
Yn
CL = 20 pF,
See Figure 5
RL = 28 Ω, IOL = 500 mA,
10
µs
tv
Valid time, SO output data
remains valid after SCLK high
SCLK
SO
CL = 200 pF, See Figure 3
0
ns


Similar Part No. - TPIC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2801 TI1-TPIC2801 Datasheet
189Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
More results

Similar Description - TPIC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2801 TI1-TPIC2801 Datasheet
189Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
TPIC2802 TI-TPIC2802 Datasheet
210Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Siemens Semiconductor G...
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
   Serial Input Dot Addressable Intelligent Display
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
   INTELLIGENT POWER SWITCH
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
   INTELLIGENT POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com