Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C080NT Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS370C080NT
Description  8-BIT MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C080NT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS370C080NT Datasheet HTML 6Page - Texas Instruments TMS370C080NT Datasheet HTML 7Page - Texas Instruments TMS370C080NT Datasheet HTML 8Page - Texas Instruments TMS370C080NT Datasheet HTML 9Page - Texas Instruments TMS370C080NT Datasheet HTML 10Page - Texas Instruments TMS370C080NT Datasheet HTML 11Page - Texas Instruments TMS370C080NT Datasheet HTML 12Page - Texas Instruments TMS370C080NT Datasheet HTML 13Page - Texas Instruments TMS370C080NT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TMS370Cx8x
8-BIT MICROCONTROLLER
SPNS035B –DECEMBER 1995 – REVISED FEBRUARY 1997
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
program EPROM
The TMS370C686 device contains 16K bytes of EPROM memory, mapped beginning at location 4000h and
continuing through location 7FFFh as shown in Figure 3. Reading the program EPROM modules is identical
to reading other internal memory. During programming, the EPROM is controlled by the EPROM control register
(EPCTL). The program EPROM module features include:
D Programming
In-circuit programming capability if VPP is applied to MC
Control register EPROM programming is controlled by the EPROM control register (EPCTL) located in
the peripheral file (PF) frame at location P01C as shown in Table 6.
D Write-protection writes to the program EPROM are disabled under the following conditions
Reset all programming to the EPROM module is halted
Low-power modes
13 V not applied to MC
program ROM
The program ROM consists of 4K bytes of mask-programmable read-only memory. The program ROM is used
for permanent storage of data or instructions. Programming of the mask ROM is performed at the time of device
fabrication.
system reset
The system-reset operation ensures an orderly start-up sequence for the TMS370Cx8x CPU-based device.
There are up to three different actions that can cause the system to reset the device. Two of these actions are
generated internally, while one (RESET pin) is controlled externally. These actions are as follows:
D Watchdog (WD) timer. A watchdog-generated reset occurs if an improper value is written to the WD key
register, or if the re-initialization does not occur before the watchdog timer timeout . See the
TMS370 User’s
Guide (literature number SPNU127) for more information.
D Oscillator reset. Reset occurs when the oscillator operates outside of the recommended operating range.
See the
TMS370 User’s Guide (literature number SPNU127) for more information.
D External RESET pin. A low-level signal can trigger an external reset. To ensure a reset, the external signal
should be held low for one SYSCLK cycle. Signals of less than one SYSCLK can generate a reset. See the
TMS370 User’s Guide (literature number SPNU127) for more information.
Once a reset source is activated, the external RESET pin is driven (active) low for a minimum of eight SYSCLK
cycles. This allows the ’x8x device to reset external system components. Additionally, if a cold start (VCC is off
for several hundred milliseconds) condition or oscillator failure occurs, or the RESET pin is held low, then the
reset logic holds the device in a reset state for as long as these actions are active.
After a reset, the program can check the oscillator-fault flag (OSC FLT FLAG, SCCR0.4), the cold-start flag
(COLD START, SCCR0.7) and the watchdog reset (WD OVRFL INT FLAG, T1CTL2.5) to determine the source
of the reset. A reset does not clear these flags. Table 7 depicts the reset sources.
† Memory addresses 7FE0h through 7FEBh are reserved for Texas Instruments Incorporated, and 7FF4h through 7FF5h along with 7FF8h
through 7FFFh are reserved for interrupt and reset vectors. Trap vectors, used with TRAP0 through TRAP15 instructions, are located between
addresses 7FC0h and 7FDFh.


Similar Part No. - TMS370C080NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C080 TI-TMS370C080 Datasheet
641Kb / 44P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C080YYZ TI-TMS370C080YYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C080NT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com