Electronic Components Datasheet Search |
|
TLC7733IDG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TLC7733IDG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 36 page TLC7701, TLC7725, TLC7703 TLC7733, TLC7705 SLVS087M – DECEMBER 1994 – REVISED MARCH 2012 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. DESCRIPTION (CONTINUED) In addition to the power-on-reset and undervoltage-supervisor function, the TLC77xx adds power-down control support for static RAM. When CONTROL is tied to GND, RESET will act as active high. The voltage monitor contains additional logic intended for control of static memories with battery backup during power failure. By driving the chip select (CS) of the memory circuit with the RESET output of the TLC77xx and with the CONTROL driven by the memory bank select signal (CSH1) of the microprocessor (see Figure 10), the memory circuit is automatically disabled during a power loss. (In this application the TLC77xx power has to be supplied by the battery.) The TLC77xxI is characterized for operation over a temperature range of –40°C to 85°C; the TLC77xxQ is characterized for operation over a temperature range of –40°C to 125°C; and the TLC77xxM is characterized for operation over the full Military temperature range of –55°C to 125°C. The 3x3 mm DRB package is also available as a non-magnetic package for medical imaging application. AVAILABLE OPTIONS PACKAGED DEVICES THRESHOLD THIN SHRINK CHIP CERAMIC CERAMIC SMALL OUTLINE VOLTAGE TA PLASTIC DIP SMALL CARRIER DIP DUAL SMALL OUTLINE NO LEAD (V) OUTLINE (D)(1) (P) (DRB) (FK) (JG) FLATPACK (U) (PW)(2) 1.1 TCLC7701ID — — — TCLC7701IP TCLC7701IPWR — 2.25 TLC7725ID — — — TLC7725IP TLC7725IPWR — 2.63 TLC7703ID — — — TLC7703IP TLC7703IPWR — –40°C to 85°C 2.93 TLC7733ID — — — TLC7733IP TLC7733IPWR — 4.55 TLC7705ID — — — TLC7705IP TLC7705IPWR — 1.1 TLC7701IDBR — — — — — TLC7701IDRBT-NM 1.1 TLC7701QD — — — TLC7701QP TLC7701QPWR — 2.25 TLC7725QD — — — TLC7725QP TLC7725QPWR — –40°C to 2.63 TLC7703QD — — — TLC7703QP TLC7703QPWR — 125°C 2.93 TLC7733QD — — — TLC7733QP TLC7733QPWR — 4.55 TLC7705QD — — — TLC7705QP TLC7705QPWR — 2.93 — — — — — — — –55°C to 125°C 4.55 — — — — — — — (1) The D package is available taped and reeled. Add the suffix R to the device type when ordering (e.g., TLC7705QDR). (2) The PW package is only available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TLC7705QPWR). Table 1. FUNCTION TABLE CONT RESIN VI(SENSE)>VIT+ RESE RESET ROL T L L False H L L L True H L L H False H L L H True L(1) H(1) H L False H L H L True H L H H False H L H H True H H(1) (1) RESET and RESET states shown are valid for t > td. 2 Submit Documentation Feedback Copyright © 1994–2012, Texas Instruments Incorporated Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705 |
Similar Part No. - TLC7733IDG4 |
|
Similar Description - TLC7733IDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |