Electronic Components Datasheet Search |
|
BZ-2RW8244-A2 Datasheet(PDF) 4 Page - Honeywell Accelerometers |
|
BZ-2RW8244-A2 Datasheet(HTML) 4 Page - Honeywell Accelerometers |
4 / 16 page Basic Switches BZ/BA Series Standard For application help: call 1-800-537-6945. Honeywell Sensing and Control 49 Characteristics: O.F. — Operating Force; R.F. — Release Force; P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P. — Operating Position. PIN PLUNGER ORDER GUIDE by ascending electrical capability Electrical Data And O.F. R.F. min. P.T. max. O.T. min. D.T. O.P.** Catalog UL Codes newtons newtons mm mm mm mm Listing Recommended For Page 46 ounces ounces inches inches inches inches BZ-2R72-A2 Applications requiring gold alloy contacts 1 Amp 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 P 9-13 4 .015 .005 .0004-.0020 .625 BZ-2R725551-A2 Gold alloy contacts Dustproof and splash resistant seal 1 Amp 2,22-4,17 1,11 — 0,13 0,01-0,06 15,88 P 8-15 4 — .005 .0004-.0025 .625 BZ-2R244-A2 Operating in temp. to +400°F (204°C) for 100 hours 5 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 B 9-13 4 .015 .005 .0004-.0020 .625 BZ-R21-A2 Lower force 10 Amps 1,11 0,7 0,30 0,13 0,005-0,013 15,88 C 4 2.5 .012 .005 .0002-.0005 .625 BZ-2R-A2 Most applications SPDT 15 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 A 9-13 4 .015 .005 .0004-.0020 .625 WZ-2R-A2 SPST (normally closed) 15 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 A 9-13 4 .015 .005 .0004-.0020 .625 YZ-2R-A2 SPST (normally open) 15 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 A 9-13 4 .015 .005 .0004-.0020 .625 BZ-R-A2 Less differential travel 15 Amps 1,95-2,5 1,11 0,30 0,13 0,005-0,008 15,88 D 7-9 4 .012 .005 .0002-.0003 .625 BZ-R19-A2 Best repeatability 15 Amps 1,95-3,34 1,11 0,30 0,13-0,2 0,005-0,02 16,26 D 7-12 4 .012 .005-.008 .0002-.0008 .640 BZ-2R24-A2 Operating in temp. to +250°F (121°C) 15 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 A 9-13 4 .015 .005 .0004-.0020 .625 BZ-2RT04 (8805/1-004) MIL-S-8805 application requirements 15 Amps 2,5-3,61 1,67 0,38 0,13 0,01-0,05 15,88 A 9-13 6 .015 .005 .0004-.0020 .625 BZ-2R05-A2 Best stability under varying humidity 15 Amps 2,5-3,61 1,11 0,38 0,13 0,01-0,05 15,88 A 9-13 4 .015 .005 .0004-.0020 .625 BZ-2R5551-A2 Dustproof and splash resistant seal 15 Amp 2,5-4,17 1,11 — 0,13 0,01-0,06 15,88 A 9-15 4 — .005 .0004-.0025 .625 BZ-2R55-A2-S Best service for sealed construction. Stainless steel internal snap spring. 15 Amps 2,5-4,17 1,11 — 0,13 0,01-0,06 15,88 A 9-15 4 — .005 .0004-.0025 .625 BA-2R-A2 Up to 20 ampere load handling 20 Amps 3,89-6,12 2,78 1,27 0,25 0,05-0,19 16,26 G 14-22 10 .050 .010 .0020-.0075 .640 BA-2R24-A2 Operating in temperature to +250°F (121 °C) 20 Amps 3,89-6,12 2,78 1,27 0,25 0,05-0,19 16,26 G 14-22 10 .050 .010 .0020-.0075 .640 BM-1R-A2 Up to 22 ampere load handling 22 Amps 1,95-2,78 1,11 0,38 0,13 0,013-0,025 15,88 F 7-10 4 .015 .005 .0005-.0010 .625 BE-2R-A4 Up to 25 ampere load handling 25 Amps 3,89-6,12 2,78 1,27 0,25 0,05-0,19 16,26 H 14-22 10 .050 .010 .0020-.0075 .640 BZ/BA TYPE Dim. Dwg. Fig. 1 SEALED TYPE Dim. Dwg. Fig. 2 BA/BE TYPE Dim. Dwg. Fig. 3 BZ-RX Manual reset (maintained contact) applications, solder terminals 15 Amps 1,95-2,5 — 0,30 0,13 — 15,88 E 7-9 — .012 .005 — .625 0,56-2,78* — — 0,38* 2-10 — — .015 WA-1RX-A4 Manual reset SPST- NC, A4 terminals 20 Amps 5,56 — — 0,25 0,20 16,26 W 20 — — .010 .008 .64 6,95* — — — — 27,9* 25 — — — — 1.10 Dim. Dwg. Fig. 4 * Reset characteristics. Except where stated ** ±0,38mm ±.015 in. All catalog listings shown are not necessarily stock items. Stocking depends on sales experience. Auxiliary actuators see p. 62-63. |
Similar Part No. - BZ-2RW8244-A2 |
|
Similar Description - BZ-2RW8244-A2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |