Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6601QDGNRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6601QDGNRQ1
Description  High-Voltage Ultralow-Iq Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A6601QDGNRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A6601QDGNRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6601QDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS7A6601-Q1, TPS7A6633-Q1
TPS7A6650-Q1, TPS7A6933-Q1
TPS7A6950-Q1
SLVSBL0B – DECEMBER 2012 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Vin = 14 V, 1 m
Ω < ESR < 2 Ω, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THyst
Hysteresis of thermal shutdown
20
°C
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS7A6601-Q1 TPS7A6633-Q1 TPS7A6650-Q1 TPS7A6933-Q1 TPS7A6950-Q1


Similar Part No. - TPS7A6601QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A66-Q1 TI1-TPS7A66-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
TPS7A6650HQDGNRQ1 TI1-TPS7A6650HQDGNRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
More results

Similar Description - TPS7A6601QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3342 AD-ADP3342 Datasheet
165Kb / 8P
   Ultralow, IQ, anyCAP Low Dropout Regulator
REV. 0
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI-TPS7B82-Q1_V05 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com