Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54616MPWPREP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54616MPWPREP
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54616MPWPREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54616MPWPREP Datasheet HTML 1Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54616MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS54611, TPS54612
TPS54613, TPS54614
TPS54615, TPS54616
SLVS400C − AUGUST 2001 − REVISED APRIL 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
Input voltage range, VIN
3.0
6.0
V
fs = 350 kHz, FSEL ≤ 0.8 V, RT open, phase pin open
6.2
9.6
I(Q)
Quiescent current
fs = 550 kHz, FSEL ≤ 2.5 V, RT open, phase pin open
8.4
12.8
mA
I(Q)
Quiescent current
Shutdown, SS/ENA = 0 V
1
1.4
mA
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3.0
V
Stop threshold voltage, UVLO
2.70
2.80
V
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch,
UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
Output current, VBIAS(2)
100
µA
OUTPUT VOLTAGE
TPS54611
TJ = 25°C, VIN = 5 V
0.9
V
TPS54611
3 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−2.0%
2.0%
TPS54612
TJ = 25°C, VIN = 5 V
1.2
V
TPS54612
3 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−2.0%
2.0%
TPS54613
TJ = 25°C, VIN = 5 V
1.5
V
V
O t t
lta
TPS54613
3 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−2.0%
2.0%
VO
Output voltage
TPS54614
TJ = 25°C, VIN = 5 V
1.8
V
TPS54614
3 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−3.0%
3.0%
TPS54615
TJ = 25°C, VIN = 5 V
2.5
V
TPS54615
3 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−3.0%
3.0%
TPS54616
TJ = 25°C, VIN = 5 V
3.3
V
TPS54616
4 V ≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−3.0%
3.0%
REGULATION
Line regulation(1) (3)
IL = 3 A, 350 ≤ fs ≤ 550 kHz, TJ = 85°C
0.088
%/V
Load regulation(1) (3)
IL = 0 A to 6 A, 350 ≤ fs ≤ 550 kHz, TJ = 85°C
0.0917
%/A
OSCILLATOR
Internally set free running frequency
FSEL ≤ 0.8 V, RT open
280
350
420
kHz
Internally set—free running frequency
FSEL ≥ 2.5 V, RT open
440
550
660
kHz
Et
ll
t f
i
RT = 180 kΩ (1% resistor to AGND)(1)
252
280
308
Externally set—free running
frequency range
RT = 100 kΩ (1% resistor to AGND)
460
500
540
kHz
frequency range
RT = 68 kΩ (1% resistor to AGND)(1)
663
700
762
kHz
High level threshold, FSEL
2.5
V
Low level threshold, FSEL
0.8
V
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle(1)
90%
(1)Specified by design
(2)Static resistive loads only
(3)Tested using circuit in Figure 10.


Similar Part No. - TPS54616MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54616 TI-TPS54616 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616 TI-TPS54616 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54616 TI-TPS54616 Datasheet
1Mb / 28P
[Old version datasheet]   TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54616-EP TI1-TPS54616-EP Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54616-Q1 TI-TPS54616-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Similar Description - TPS54616MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com