Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2330IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2330IPW
Description  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2330IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2330IPW Datasheet HTML 6Page - Texas Instruments TPS2330IPW Datasheet HTML 7Page - Texas Instruments TPS2330IPW Datasheet HTML 8Page - Texas Instruments TPS2330IPW Datasheet HTML 9Page - Texas Instruments TPS2330IPW Datasheet HTML 10Page - Texas Instruments TPS2330IPW Datasheet HTML 11Page - Texas Instruments TPS2330IPW Datasheet HTML 12Page - Texas Instruments TPS2330IPW Datasheet HTML 13Page - Texas Instruments TPS2330IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CL – LoadCapacitance – F
m
200
160
120
0
0
100
200
300
240
280
320
400
500
80
40
IN=12V
IO =0 A
TA =25°C
6
3
0
0
0.2
0.4
0.6
9
12
0.8
1
C
– TIMERCapacitance – nF
TIMER
IN=12V
TA =25°C
1
0
0
3
6
2
3
4
9
12
CL(GATE) – GATELoadCapacitance – nF
IN=12V
TA =25°C
V – GATEVoltage – V
13.5
13
12
11
14 15
16
17
18
19
20
14
14.5
15
21
22
23
24
12.5
11.5
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
IN=13V
TPS2330
TPS2331
SLVS277G – MARCH 2000 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
GATE VOLTAGE FALL TIME
GATE OUTPUT CURRENT
vs
vs
GATE LOAD CAPACITANCE
GATE VOLTAGE
Figure 12.
Figure 13.
CIRCUIT-BREAKER RESPONSE TIME
LOAD VOLTAGE DISCHARGE TIME
vs
vs
TIMER CAPACITANCE
LOAD CAPACITANCE
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2330 TPS2331


Similar Part No. - TPS2330IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2330IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com