Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE-2RV-A4 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # BE-2RV-A4
Description  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BE-2RV-A4 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button BE-2RV-A4 Datasheet HTML 4Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 5Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 6Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 7Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 8Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 9Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 10Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 11Page - Honeywell Accelerometers BE-2RV-A4 Datasheet HTML 12Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
53
SIMULATED ROLLER
ORDER GUIDE
Electrical
O.F.
R.F.
P.T.
O.T.
Data And
max.
min.
max.
min.
D.T.
O.P.**
Catalog
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RW80147-A2
1.05 inch (26,7 mm)
(simulated roller)
lever applications
15 Amps
1,67
0,42
2,39
0,08-0,51
30,17
A
6
1.5
.094
.003-.020
1.188
BZ-2RW80196-A2
1.90 inch (48,3 mm)
(simulated roller)
lever applications
15 Amps
0,97
0,21
3,96
0,10-1,0
30,17
±0,76
A
3.5
0.75
.156
.004-.040
1.188
±.030
Dim. Dwg. Fig. 27
ROLLER LEVER
BZ-2RW82272-A2
Applications
requiring gold alloy
contacts
1 Amp
1,67
0,42
2,39
0,08-0,51
30,17
P
6
1.5
.094
.003-.020
1.188
BZ-2RW822725551-A2
Applications
requiring gold alloy
contacts plus
dustproof and splash
resistant seal
1 Amp
1,67
0,42
2,39
0,08-0,51
30,17
P
6
1.5
.094
.003-.020
1.188
BZ-2RW822-A2
1.05 inch (26,7 mm)
(steel roller) lever
applications
15 Amps
1,67
0,42
2,39
0,08-0,51
30,17
A
6
1.5
.094
.003-.020
1.188
BZ-2RW8222-A2
Roller turned 90
°
15 Amps
0,7-1,81
0,35
3,58
0,08-0,51
30,75
A
2.5-6.5
1.25
.141 max.
.003-.020
1.25
BZ-2RW82224-A2
Operating in
temperature to
+250°F (121°C)
15 Amps
1,67
0,42
2,39
0,08-0,51
30,17
A
6
1.5
.094
.003-.020
1.188
BZ-2RW8225551-A2
Dustproof and
splash resistant seal
15 Amps
1,67
0,42
2,39
0,08-0,51
30,17
A
6
1.5
.094
.003-.020
1.188
BZ-2RW82255-A2-S
Best service for
sealed construction.
Stainless steel
internal snap spring.
15 Amps
1,67
0,42
2,39
0,08-0,51
30,17
A
6
1.5
.094
.003-.020
1.188
BA-2RV22-A2
Up to 20 ampere
load handling
20 Amps
1,67
0,42
6,35
0,76
1,14
29,77
G
6
1.5
.250
.030
.045 max.
1.172
BM-1RW822-A2
Up to 22 ampere
load handling
22 Amps
1,67
0,42
2,39
0,025-0,33
30,17
F
6
1.5
.094
.001-.013
1.188
BE-2RV22-A4
Up to 25 ampere
load handling
25 Amps
1,67
0,42
6,35
0,76
1,14
29,77
H
6
1.5
.250
.030
.045 max.
1.172
BZ/BM TYPE
Dim. Dwg. Fig. 25
Dim. Dwg. Fig. 28
BZ-2RW82299-A2
Adjustable operating
point. Roller lever
1.05 inch (26,7 mm)
15 Amps
1,67
0,42
1,02
0,08-0,51
29,77-30,56
A
6
1.5
.040
.003-.020 1.172-1.203
BZ-2RW8299-A2
Adjustable operating
point. Roller lever
1.90 inch (48,3 mm)
15 Amps
0,97
0,21
2,16
0,10-1,0
29,2-31,5
A
3.5
0.75
.085
.004-.040
1.150-1.24
BA/BE TYPE
Dim. Dwg. Fig. 26
Except where stated *
±0,38 mm
±.015 in.


Similar Part No. - BE-2RV-A4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BE-500G-1 MACOM-BE-500G-1 Datasheet
74Kb / 1P
   BE-500G-1 3PST N.O., 50 Amps, 120 VAC
logo
List of Unclassifed Man...
BE-8020 ETC2-BE-8020 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8040 ETC2-BE-8040 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8150 ETC2-BE-8150 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
BE-8610 ETC2-BE-8610 Datasheet
109Kb / 1P
   Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
More results

Similar Description - BE-2RV-A4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com