Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2331IDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2331IDG4
Description  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2331IDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2331IDG4 Datasheet HTML 1Page - Texas Instruments TPS2331IDG4 Datasheet HTML 2Page - Texas Instruments TPS2331IDG4 Datasheet HTML 3Page - Texas Instruments TPS2331IDG4 Datasheet HTML 4Page - Texas Instruments TPS2331IDG4 Datasheet HTML 5Page - Texas Instruments TPS2331IDG4 Datasheet HTML 6Page - Texas Instruments TPS2331IDG4 Datasheet HTML 7Page - Texas Instruments TPS2331IDG4 Datasheet HTML 8Page - Texas Instruments TPS2331IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS2330
TPS2331
SLVS277G – MARCH 2000 – REVISED JULY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VI(IN1), VI(ISENSE), VI(VSENSE), VI(ISET), VI(ENABLE)
–0.3 to 15
V
Input voltage range
VI(VREG)
–0.3 to 7
V
VO(GATE)
–0.3 to 30
V
Output voltage range
VO(DISCH), VO(PWRGD), VO( FAULT ), VO(TIMER)
–0.3 to 15
V
I(GATE), I(DISCH)
0 to 100
mA
Sink current range
I(PWRGD), I(TIMER), I( FAULT )
0 to 10
mA
Operating virtual junction temperature range, TJ
–40 to 100
°C
Storage temperature range, Tstg
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to DGND.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW-14
755 mW
10.07 mW/°C
302 mW
151 mW
D-14
613 mW
8.18 mW/°C
245 mW
123 mW
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VI(IN), VI(ISENSE), VI(VSENSE), VI(ISET)
3
13
VI
Input voltage
VI(VREG)
3
5.5
V
VI(ISENSE), VI(ISET), VI(VSENSE)
VI(IN)
TJ
Operating virtual junction temperature
–40
100
°C
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2330 TPS2331


Similar Part No. - TPS2331IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2331ID TI-TPS2331ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331ID TI-TPS2331ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2331IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com