Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340RTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340RTET
Description  Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55340RTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS55340RTET Datasheet HTML 6Page - Texas Instruments TPS55340RTET Datasheet HTML 7Page - Texas Instruments TPS55340RTET Datasheet HTML 8Page - Texas Instruments TPS55340RTET Datasheet HTML 9Page - Texas Instruments TPS55340RTET Datasheet HTML 10Page - Texas Instruments TPS55340RTET Datasheet HTML 11Page - Texas Instruments TPS55340RTET Datasheet HTML 12Page - Texas Instruments TPS55340RTET Datasheet HTML 13Page - Texas Instruments TPS55340RTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
(
)
1
He(s)
Se
s
1
(1 D) 0.5
2
S
s
n
1
2
fsw
fsw
=
é
ù
æ
ö
ê
ú
ç
÷
´
+
´ -
-
ç
÷
ê
ú
è
ø
ë
û
+
+
p ´
0.32 V R
0.5 A
FREQ
Se
16 (1 D) 6 pF
6 pF
m
=
+
´
-
´
V
IN
S
R
n
SENSE
L
=
´
TPS55340
SLVSBD4B – MAY 2012 – REVISED OCTOBER 2012
www.ti.com
SLOPE COMPENSATION
The TPS55340 has internal slope compensation to prevent sub-harmonic oscillations. The sensed current slope
of boost converter can be expressed as Equation 4:
(4)
The slope compensation dv/dt can be calculated using Equation 5.
(5)
In a converter with current mode control, in addition to the output voltage feedback loop, the inner current loop
including the inductor current sampling effect as well as the slope compensation on the small signal response
should be taken into account, which can be modeled as seen in Equation 6:
(6)
Where RSENSE (15mΩ) is the equivalent current sense resistor, RFREQ is timing resistor used to set frequency,
and D is the duty cycle.
Note that if Sn << Se, the converter operates in voltage mode control rather than current mode control, and
Equation 6 is no longer valid.
OVER-CURRENT PROTECTION AND FREQUENCY FOLDBACK
The TPS55340 provides cycle-by-cycle over-current protection that turns off the power switch once the inductor
current reaches the over-current limit threshold. The PWM circuitry resets itself at the beginning of the next
switch cycle. During an over-current event, the output voltage begins to droop as a function of the load on the
output. When the FB voltage through the feedback resistors, drops lower than 0.9 V, the switching frequency is
automatically reduced to 1/4 of the normal value. Figure 7 shows the non-foldback frequency with an 80k
Ω timing
resistor and the corresponding foldback frequency. The switching frequency does not return to normal until the
over-current condition is removed and the FB voltage increases above 0.9 V. The frequency foldback feature is
disabled during soft-start.
ENABLE AND THERMAL SHUTDOWN
The TPS55340 enters shutdown when the EN voltage is less than 0.68 V (min) for more than 1ms. In shutdown,
the input supply current for the device is less than 10µA (max). The EN pin has an internal 950k
Ω pull down
resistor to disable the device if the pin is floating.
An internal thermal shutdown turns off the device when the junction temperature exceeds 165°C (typical). The
device will restart when the junction temperature drops by 15°C.
UNDER-VOLTAGE LOCKOUT (UVLO)
An under-voltage lockout circuit prevents mis-operation of the device at input voltages below 2.5 V (typical).
When the input voltage is below the UVLO threshold, the device remains off and the internal power MOSFET is
turned off. The UVLO threshold is set below minimum operating voltage of 2.9 V to ensure that a transient VIN
dip will not cause the device to reset. For the input voltages between UVLO threshold and 2.9 V, the device
attempts to operate, but the electrical specifications are not guaranteed.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS55340


Similar Part No. - TPS55340RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340RTET TI1-TPS55340RTET Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results

Similar Description - TPS55340RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com