Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75003 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75003 Datasheet HTML 5Page - Texas Instruments TPS75003 Datasheet HTML 6Page - Texas Instruments TPS75003 Datasheet HTML 7Page - Texas Instruments TPS75003 Datasheet HTML 8Page - Texas Instruments TPS75003 Datasheet HTML 9Page - Texas Instruments TPS75003 Datasheet HTML 10Page - Texas Instruments TPS75003 Datasheet HTML 11Page - Texas Instruments TPS75003 Datasheet HTML 12Page - Texas Instruments TPS75003 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
EN
V
IN = 5V, COUT = 330µF
V
IN = 5V, COUT = 100µF
V
IN = 3.3V, COUT = 680µF
V
IN = 3.3V, COUT = 100µF
C
SS = 0.01µF
V
OUT = 1.2V
20ms/div
EN
V
IN = 5V, IOUT = 0.5A
V
IN = 5V, IOUT = 1.0A
V
IN = 5V, IOUT = 2.0A
V
IN = 3.3V, IOUT = 1.0A
C
SS = 0.01µF
V
OUT = 1.2V
20ms/div
V
IN = 3.3V, IOUT = 2.0A
EN
V
IN = 3.3V, CSS = 0.001µF
V
IN = 5V, CSS = 0.001µF
V
IN = 5V, CSS = 0.01µF
V
IN = 3.3V, CSS = 0.01µF
I
OUT = 1A
V
OUT = 1.2V
20ms/div
EN
I
OUT = 2A,
C
SS = 560pF
I
OUT = 0.5A,
C
SS = 560pF
I
OUT = 0.5A, CSS = 1500pF
I
OUT = 2A, CSS = 1500pF
V
IN = 5V
V
OUT = 3.3V
5ms/div
EN
V
IN = 3.3V,
I
OUT = 1A,
R
S = 0.020
V
IN =5V, IOUT = 1A,
R
S = 0.033
V
IN = 3.3V,
I
OUT = 1A,
R
S = 0.033
V
IN = 5V,
I
OUT = 1A,
R
S = 0.020
V
OUT = 1.2V, CSS = 0.01µF
20ms/div
TPS75003
www.ti.com
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
Measured using circuit in Figure 1.
BUCK START-UP
BUCK START-UP
vs
vs
VIN and IOUT
(1)
VIN and COUT
(1)
Figure 10.
Figure 11.
BUCK START-UP
BUCK START-UP
vs
vs
VIN and CSS
(1)
IOUT and CSS
(1)
Figure 12.
Figure 13.
BUCK START-UP
vs
VIN and RSENSE
(1)
Figure 14.
(1)xxxSee the section, Soft-Start Capacitor Selection (Buck Controllers) .
(1)
See the section, Soft-Start Capacitor Selection (Buck Controllers) .
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS75003


Similar Part No. - TPS75003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003-EP TI-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003RHLR TI-TPS75003RHLR Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
More results

Similar Description - TPS75003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Texas Instruments
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com