Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75003RHLRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003RHLRG4
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003RHLRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS75003RHLRG4 Datasheet HTML 1Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 2Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 3Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 4Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 5Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 6Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 7Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 8Page - Texas Instruments TPS75003RHLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IN 1
IN 2
IN 3
EN 1
SS1
EN 2
SS2
EN 3
IS 1
SW 1
FB 1
IS 2
SW 2
FB 2
OU T3
FB 3
DG ND
3A
BU CK 1
3A
BU CK 2
300m A
LD O
SS3
DGND
AG ND
DGND
TPS75003
+
+
VCCAUX
2.5Vat300mA
VCCO
3.3Vat3A
VCCINT
1.2Vat3A
V CCAUX
5V _Input
TPS75003
www.ti.com
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
Triple-Supply Power Management IC
for Powering FPGAs and DSPs
Check for Samples: TPS75003
1
FEATURES
DESCRIPTION
23
Two 95% Efficient, 3A Buck Controllers and
The TPS75003 is a complete power management
One 300mA LDO
solution for FPGA, DSP and other multi-supply
applications. The device has been tested with and
Tested and Endorsed by Xilinx for Powering
meets all of the Xilinx Spartan-3, Spartan-3E and
the Spartan™-3, Spartan-3E and Spartan-3L
Spartan-3L start-up profile requirements, including
FPGAs
monotonic voltage ramp and minimum voltage rail
Adjustable (1.2V to 6.5V for Bucks, 1.0V to
rise time. Independent Enables for each output allow
6.5V for LDO) Output Voltages on All Channels
sequencing to minimize demand on the power supply
at start-up. Soft-start on each supply limits inrush
Input Voltage Range: 2.2V to 6.5V
current
during
start-up.
Two
integrated
buck
Independent Soft-Start for Each Supply
controllers
allow
efficient,
cost-effective
voltage
Independent Enable for Each Supply for
conversion for both low and high current supplies
Flexible Sequencing
such as core and I/O. A 300mA LDO is integrated to
provide an auxiliary rail such as VCCAUX on the Xilinx
LDO Stable with 2.2mF Ceramic Output Cap
Spartan-3 FPGA. All three supply voltages are
Small, Low-Profile 4.5mm x 3.5mm x 0.9mm
offered in user-programmable options for maximum
QFN Package
flexibility.
The TPS75003 is fully specified from –40°C to +85°C
APPLICATIONS
and is offered in a QFN package, yielding a highly
FPGA/DSP/ASIC Supplies
compact
total
solution
size
with
high
power
Set-Top Boxes
dissipation capability.
DSL Modems
Plasma TV Display Panels
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Spartan is a trademark of Xilinx, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75003RHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75003RHLR TI-TPS75003RHLR Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
More results

Similar Description - TPS75003RHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Texas Instruments
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com