Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54612PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54612PWP
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54612PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS54612PWP Datasheet HTML 1Page - Texas Instruments TPS54612PWP Datasheet HTML 2Page - Texas Instruments TPS54612PWP Datasheet HTML 3Page - Texas Instruments TPS54612PWP Datasheet HTML 4Page - Texas Instruments TPS54612PWP Datasheet HTML 5Page - Texas Instruments TPS54612PWP Datasheet HTML 6Page - Texas Instruments TPS54612PWP Datasheet HTML 7Page - Texas Instruments TPS54612PWP Datasheet HTML 8Page - Texas Instruments TPS54612PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS54611, TPS54612
TPS54613, TPS54614
TPS54615, TPS54616
SLVS400C − AUGUST 2001 − REVISED APRIL 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
NC
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
FSEL
SS/ENA
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
AVAILABLE OPTIONS
OUTPUT
PACKAGED DEVICES
OUTPUT
PACKAGED DEVICES
TA
OUTPUT
VOLTAGE
PLASTIC HTSSOP
(PWP)(1)(2)
TA
OUTPUT
VOLTAGE
PLASTIC HTSSOP
(PWP)(1)(2)
0.9 V
TPS54611PWP
1.8 V
TPS54614PWP
−40°C to 85°C
1.2 V
TPS54612PWP
−40°C to 85°C
2.5 V
TPS54615PWP
40 C to 85 C
1.5 V
TPS54613PWP
40 C to 85 C
3.3 V
TPS54616PWP
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54616PWPR). See the application section
of this data sheet for PowerPAD drawing and layout information.
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AGND
1
Analog ground. Return for slow-start capacitor, VBIAS capacitor, RT resistor FSEL. Make PowerPAD connection to AGND.
BOOT
5
Bootstrap input. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
high-set FET driver.
NC
3
No connection
PGND
15−19 Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper areas to
the input and output supply returns, and negative terminals of the input and output capacitors.
PH
6−14
Phase input/output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
PWRGD
4
Power good open drain output. High-Z when VSENSE ≥ 90% Vref, otherwise PWRGD is low. Note that output is low when
SS/ENA is low or internal shutdown signal active.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency.
SS/ENA
26
Slow-start/enable input/output. Dual function pin which provides logic input to enable/disable device operation and
capacitor input to externally set the start-up time.
FSEL
27
Frequency select input. Provides logic input to select between two internally set switching frequencies.
VBIAS
25
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a high
quality, low-ESR 0.1-µF to 1-µF ceramic capacitor.
VIN
20−24 Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to device
package with a high quality, low-ESR 1-µF to 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect directly to output voltage sense point.


Similar Part No. - TPS54612PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54612PWP TI1-TPS54612PWP Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612PWP TI-TPS54612PWP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54612PWPG4 TI1-TPS54612PWPG4 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612PWPG4 TI-TPS54612PWPG4 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54612PWPR TI1-TPS54612PWPR Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54612PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com