Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62080DSGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080DSGR
Description  1.2A High Efficient Step Down Converter with Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62080DSGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62080DSGR Datasheet HTML 6Page - Texas Instruments TPS62080DSGR Datasheet HTML 7Page - Texas Instruments TPS62080DSGR Datasheet HTML 8Page - Texas Instruments TPS62080DSGR Datasheet HTML 9Page - Texas Instruments TPS62080DSGR Datasheet HTML 10Page - Texas Instruments TPS62080DSGR Datasheet HTML 11Page - Texas Instruments TPS62080DSGR Datasheet HTML 12Page - Texas Instruments TPS62080DSGR Datasheet HTML 13Page - Texas Instruments TPS62080DSGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SW
2V/div
t - 200ns/div
V
20mV/div
OUT
L
0.5A/div
COIL
0
500k
1M
1.5M
2M
2.5M
3M
3.5M
4M
4.5M
0
400m
800m
1.2
1.6
Output Current (A)
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
TPS62080
VOUT = 2.5V
G015
20
60
100
140
180
220
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
G019
0
500k
1M
1.5M
2M
2.5M
3M
0
400m
800m
1.2
1.6
Output Current (A)
VIN = 2.3V
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
TPS62080
VOUT = 0.9V
G014
2u
3.5u
5u
6.5u
8u
9.5u
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
IOUT = 0 A, Snooze Mode
G017
50
90
130
170
210
250
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
G018
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
QUIESCENT CURRENT
HIGH SIDE FET RDS(on)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 18.
Figure 19.
LOW SIDE FET RDS(on)
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 20.
Figure 21.
SWITCHING FREQUENCY
vs
LOAD CURRENT
TYPICAL APPLICATION (PWM MODE)
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Similar Part No. - TPS62080DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI1-TPS62080DSGR Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results

Similar Description - TPS62080DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com