Electronic Components Datasheet Search |
|
BE-2RV22-A4 Datasheet(PDF) 11 Page - Honeywell Accelerometers |
|
BE-2RV22-A4 Datasheet(HTML) 11 Page - Honeywell Accelerometers |
11 / 16 page Basic Switches BZ/BA Series Standard 56 Honeywell Sensing and Control For application help: call 1-800-537-6945. GENERAL INFORMATION SPECIAL CIRCUITRY SWITCHES ‘‘Special sequence’’ switches provide un- usual circuit control. A make-before- break switch provides circuit continuity while switching from N.C. to N.O. In an- other make-before-make switch, upon actuation, one circuit is made an interval before the second circuit. Another switch provides a single pulse or momentary closure of the contacts with each cycle of operation. Double break versions can interrupt grea- ter inductive loads and feature shorting bar construction. A split contact version allows control of the two isolated circuits. Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. – Pretravel; O.T. – Overtravel; D.T. – Differential Travel; O.P. – Operating Position. PIN PLUNGER ORDER GUIDE Electrical Data and O.F. R.F. min. P.T. max. O.T. min. D.T. O.P.* UL Codes newtons newtons mm mm mm mm Catalog Listing Recommended For Page 46 ounces ounces inches inches inches inches BZ-2G-A2 Make-before-break contact action 10 Amps C 5,56 20 max. 2,22 8 0,76 .030 0,13 .005 0,38 .015 15,9 .625 Dim. Dwg. Fig 5 Unoperated Intermediate Fully Intermediate Fully Operated Release Released 6BS1-B Make-before-make contact action 10 Amps R 9,73 35 max. 2,78 10 – – – – Dim. Dwg. Fig. 6 * ±0,38 mm ± .015 in. 10BS210 Adjustable differential travel 20 Amps Y 3,10-5,56 11-20 2,78 10 – 0,25 .010 at max. setting 0,04-0,06 .0015-.0025 0,18 .007 at max. setting 16,3 .64 Dim. Dwg. Fig. 4-A |
Similar Part No. - BE-2RV22-A4 |
|
Similar Description - BE-2RV22-A4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |