Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEC113 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QEC113
Description  PLASTIC INFRARED LIGHT EMITTING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QEC113 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QEC113 Datasheet HTML 1Page - Fairchild Semiconductor QEC113 Datasheet HTML 2Page - Fairchild Semiconductor QEC113 Datasheet HTML 3Page - Fairchild Semiconductor QEC113 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.030 (0.76)
NOM
0.116 (2.95)
0.193 (4.90)
0.800 (20.3)
MIN
0.050 (1.27)
0.100 (2.54)
NOM
0.018 (0.46)
SQ. (2X)
0.155 (3.94)
CATHODE
0.052 (1.32)
0.032 (0.082)
REFERENCE
SURFACE
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions
unless otherwise specified.
ANODE
CATHODE
SCHEMATIC
 2001 Fairchild Semiconductor Corporation
DS300334
5/21/01
1 OF 3
www.fairchildsemi.com
PACKAGE DIMENSIONS
DESCRIPTION
The QEC11X is an 940 nm GaAs LED encapsulated in a clear peach tinted, plastic T-1 package.
QEC112
QEC113
FEATURES
• = 940 nm
• Chip material = GaAs
• Package type: T-1 (3mm)
• Matched Photosensor: QSC112
• Narrow Emission Angle, 24°
• High Output Power
• Package material and color: Clear, peach tinted plastic
PLASTIC INFRARED
LIGHT EMITTING DIODE


Similar Part No. - QEC113

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QEC113 QT-QEC113 Datasheet
149Kb / 2P
   GAAS INFRARED EMITTING DIODE
More results

Similar Description - QEC113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213 Datasheet
281Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED221 FAIRCHILD-QED221 Datasheet
103Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED422 FAIRCHILD-QED422 Datasheet
369Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113E3R0 FAIRCHILD-QEE113E3R0 Datasheet
125Kb / 5P
   Plastic Infrared Light Emitting Diode
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113 FAIRCHILD-QEE113 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE122 FAIRCHILD-QEE122 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
logo
QT Optoelectronics
QED121 QT-QED121 Datasheet
86Kb / 2P
   PLASTIC INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com