Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLP1395PWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74GTLP1395PWG4
Description  TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLP1395PWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74GTLP1395PWG4 Datasheet HTML 3Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 4Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 5Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 6Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 7Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 8Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 9Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 10Page - Texas Instruments SN74GTLP1395PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Inputs and Y Outputs
Live-Insertion Specifications for B Port
SN74GTLP1395
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES349C–JUNE 2001–REVISED JANUARY 2006
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX UNIT
VIK
VCC =3.15V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 μAVCC –0.2
VOH
Y outputs
IOH = –12 mA
2.4
V
VCC =3.15V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 μA0.2
Y outputs
IOL =12mA
0.4
VCC =3.15V
IOL =24mA
0.5
VOL
V
IOL =10mA
0.2
B port
VCC =3.15V
IOL =64mA
0.4
IOL = 100 mA
0.55
A-port and
II(2)
VCC =3.45V,
VI =0to 5.5V
±10
μA
control inputs
Y outputs
VCC =3.45V,
VO =0to 5.5V
±10
IOZ(2)
μA
B port
VCC =3.45V,VREF within 0.6 V of VTT,VO =0to 2.3V
±10
Outputs high
20
VCC =3.45V,IO =0,
ICC
Y outputs or B port
VI (A-port or control inputs) = VCC or GND, Outputs low
20
mA
VI (B port) = VTT or GND
Outputs disabled
20
VCC = 3.45 V, One A-port or control input at VCC –0.6 V,
ΔICC(3)
1.5
mA
Other A-port or control inputs at VCC or GND
A-port inputs
44.5
CI
VI =3.15Vor 0
pF
Control inputs
3.5
5
Co
Y outputs
VO =3.15Vor 0
5
5.5
pF
Cio
B port
VO =1.5 Vor0
7
10.5
pF
(1) All typical values are at VCC = 3.3 V, TA =25°C.
(2) For I/O ports, the parameter IOZ includes the input leakage current.
(3) This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC =0,
VI or VO = 0 to 5.5 V
10
μA
IOZPU
VCC =0to 1.5V,
VO =0.5 Vto3V,
OEBY =0
±30
μA
IOZPD
VCC =1.5 Vto0,
VO =0.5 Vto3V,
OEBY =0
±30
μA
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN MAX
UNIT
Ioff
VCC =0,
BIAS VCC =0,
VI or VO = 0 to 1.5 V
10
μA
IOZPU
VCC = 0 to 1.5 V,
BIAS VCC =0,
VO =0.5 Vto1.5 V,
OEAB =0
±30
μA
IOZPD
VCC =1.5 Vto0,
BIAS VCC =0,
VO =0.5 Vto1.5 V,
OEAB =0
±30
μA
VCC = 0 to 3.15 V
5mA
ICC
BIAS VCC = 3.15 V to 3.45 V,
VO (B port) = 0 to 1.5 V
(BIAS VCC)
VCC = 3.15 V to 3.45 V
10
μA
VO
VCC =0,
BIASVCC = 3.3 V,
IO = 0
0.95 1.05
V
IO
VCC =0,
BIASVCC = 3.15 V to 3.45 V,
VO (B port) = 0.6 V
–1
μA
7


Similar Part No. - SN74GTLP1395PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1395PW TI-SN74GTLP1395PW Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395PWE4 TI-SN74GTLP1395PWE4 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395PWR TI-SN74GTLP1395PWR Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395PWRE4 TI-SN74GTLP1395PWRE4 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

Similar Description - SN74GTLP1395PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com