Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54615PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54615PWPR
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54615PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54615PWPR Datasheet HTML 1Page - Texas Instruments TPS54615PWPR Datasheet HTML 2Page - Texas Instruments TPS54615PWPR Datasheet HTML 3Page - Texas Instruments TPS54615PWPR Datasheet HTML 4Page - Texas Instruments TPS54615PWPR Datasheet HTML 5Page - Texas Instruments TPS54615PWPR Datasheet HTML 6Page - Texas Instruments TPS54615PWPR Datasheet HTML 7Page - Texas Instruments TPS54615PWPR Datasheet HTML 8Page - Texas Instruments TPS54615PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS54611, TPS54612
TPS54613, TPS54614
TPS54615, TPS54616
SLVS400C − AUGUST 2001 − REVISED APRIL 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS (CONTINUED)
TJ = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open loop voltage gain(1)
26
dB
Error amplifier unity gain bandwidth(1)
3
5
MHz
Error amplifier common mode input voltage range
Powered by internal LDO(1)
0
VBIAS
V
PWM COMPARATOR
PWM comparator propagation delay time, PWM
comparator input to PH pin (excluding deadtime)
10-mV overdrive(1)
70
85
ns
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, SS/ENA(1)
0.03
V
Falling edge deglitch, SS/ENA(1)
2.5
µs
TPS54611
2.6
3.3
4.1
TPS54612
3.5
4.5
5.4
Internal slow start time(1)
TPS54613
4.4
5.6
6.7
ms
Internal slow-start time(1)
TPS54614
2.6
3.3
4.1
ms
TPS54615
3.6
4.7
5.6
TPS54616
4.7
6.1
7.6
Charge current, SS/ENA
SS/ENA = 0V
3
5
8
µA
Discharge current, SS/ENA
SS/ENA = 0.2 V, VI = 2.7 V
1.5
2.3
4.0
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%VO
Power good hysteresis voltage
See Note 1
3
%VO
Power good falling edge deglitch
See Note 1
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.3
V
Leakage current, PWRGD
VI = 5.5 V
1
µA
CURRENT LIMIT
Current limit
VI = 3 V(1)
7.2
10
A
Current limit
VI = 6 V(1)
10
12
A
Current limit leading edge blanking time (see Note 1)
100
ns
Current limit total response time (see Note 1)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
_C
Thermal shutdown hysteresis(1)
10
_C
OUTPUT POWER MOSFETS
r
Power MOSFET switches
IO = 3 A, VI = 6 V(2)
26
47
mΩ
rDS(on)
Power MOSFET switches
IO = 3 A, VI = 3 V(2)
36
65
mΩ
(1) Specified by design
(2) Matched MOSFETs, low side rDS(on) production tested, high side rDS(on) specified by design.


Similar Part No. - TPS54615PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54615PWPR TI1-TPS54615PWPR Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54615PWPR TI-TPS54615PWPR Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54615PWPRG4 TI1-TPS54615PWPRG4 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54615PWPRG4 TI-TPS54615PWPRG4 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54615PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com