Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2H-4.5V Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # TQ2H-4.5V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2H-4.5V Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button TQ2H-4.5V Datasheet HTML 3Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 4Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 5Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 6Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 7Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 8Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 9Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 10Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
■ Surface-mount terminal
1. Maximum switching capacity
2. Life curve
3. Mechanical life (mounting by IRS method)
Tested sample: TQ2SA-12V, 10 pcs.
0.2
0.3
0.4
0.5
1.0
2.0
3.0
20 30
50
100
200 300
0
Contact voltage, V
DC resistive load
AC resistive load
1.0
2.0
100
50
30
20
10
0
Switching current, A
125V AC
resistive load
30V DC
resistive load
0
10
100
10,000
1,000
IRS
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
10
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage
4.-(1) Electrical life (2 A 30 V DC resistive load)
Tested sample: TQ2SA-12V, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
(mounting by IRS method)
Change of contact resistance
(mounting by IRS method)
4.-(2) Electrical life (0.5 A 125 V AC resistive load)
Tested sample: TQ2SA-12V, 6 pcs
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
(mounting by IRS method)
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
Max.
10
IRS
23
4
5
6
7
89
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
IRS
23
4
5
6
7
89
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
10
IRS
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
23
4
5
6
7
89
Max.
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage
Change of contact resistance
(mounting by IRS method)
5. Coil temperature rise
Tested sample: TQ2SA-12V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
°C 77°F
6. Operate/release time
Tested sample: TQ2SA-12V, 6 pcs.
10
IRS
23
4
5
6
7
89
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
10
30
60
70
100
120
150
0
20
40
50
110
130
140
2A
0A
2A
0A
DC 12V type
DC 48V type
Coil applied voltage, %V
Coil voltage
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
7. Ambient temperature characteristics
Tested sample: TQ2SA-12V, 5 pcs.
8.-(1) High-frequency characteristics
(Isolation)
8.-(2) High-frequency characteristics
(Insertion loss)
–40
40
20
–20
–40 –20
0
20 40
60
80
x
Ambient
temperature,
°C
Drop-out voltage
Pick-up voltage
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz


Similar Part No. - TQ2H-4.5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2H-4.5V NAIS-TQ2H-4.5V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Panasonic Semiconductor
TQ2H-4.5V PANASONIC-TQ2H-4.5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2H-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2-3V PANASONIC-TQ2-3V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
TT Electronics.
TS005 TTELEC-TS005 Datasheet
321Kb / 1P
   Compliant surface mount package
logo
MolexKits
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
   Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
   Pole mount or surface mount
logo
RF Monolithics, Inc
SF1056B RFM-SF1056B Datasheet
826Kb / 5P
   Hermetic 5 X 7 mm Surface Mount Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com