Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2H-4.5V Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # TQ2H-4.5V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2H-4.5V Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button TQ2H-4.5V Datasheet HTML 3Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 4Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 5Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 6Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 7Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 8Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 9Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 10Page - Panasonic Semiconductor TQ2H-4.5V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
DIMENSIONS (mm inch)
1. Standard PC board terminal and Self-clinching terminal
9. Malfunctional shock (single side stable)
Tested sample: TQ2SA-12V, 6 pcs
10.-(1) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 5 pcs.
10.-(2) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 6 pcs.
Y'
Y
XZ'
ZX'
Y
Y'
Z'
Z X
X'
1000m/s2
2
2
1000m/s2
1000m/s
1000m/s
1000m/s
1000m/s
Deenergized
condition
Energized
condition
2
2
–10
0
10
–10
0
10
ON
ON
ON
OFF OFF
OFF
5
3
12
4
06
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
.197
.118
.039 .079
.157
.236
–10
0
10
–10
0
10
ON
ON
ON
OFF
OFF
OFF
0
5
3
12
4
6
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
.197
.118
.039 .079
.157
.236
11. Pulse dialing test
(35 mA 48 V DC wire spring relay load)
Tested sample: TQ2SA-12V, 6 pcs.
Circuit
Change of pick-up and drop-out voltage
(mounting by IRS method)
Change of contact resistance
(mounting by IRS method)
48 V DC
458
0.08
µF
0.08
µF
458
3
2
+
TQ-SMD
relay
Wire spring relay
50
IRS
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
50
IRS
10
20
30
40
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1) 2 Form C
External dimensions
Standard PC board terminal
Self-clinching terminal
General tolerance:
±0.3 ±.012
(4.75)
14
9
3.5
0.25
2.54
7.62
0.5
0.25
5 +
0.4
−0.2
.551
.354
(.187)
.138
.010
.100
.300
.020
.010
+.016
−.008
.197
(4.75)
14
9
3.5
0.25
2.54
7.62
0.5
0.25
5 +
0.4
−0.2
+.016
−.008
.197
.551
.354
(.187)
.138
.010
.100
.300
.020
.010
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
10.16
2.54
7.62
10-1.0 dia.
2.54
.100
.100
.300
.400
10-.039 dia.
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1-coil latching
(Reset condition)
2-coil latching
(Reset condition)
1
Direction indication
+
2
345
10 9
876
1
Direction indication
+
2
345
10 9
876
+
+−
1
Direction indication
2
345
10 9
876
CAD Data


Similar Part No. - TQ2H-4.5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2H-4.5V NAIS-TQ2H-4.5V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Panasonic Semiconductor
TQ2H-4.5V PANASONIC-TQ2H-4.5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2H-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2-3V PANASONIC-TQ2-3V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
TT Electronics.
TS005 TTELEC-TS005 Datasheet
321Kb / 1P
   Compliant surface mount package
logo
MolexKits
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
   Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
   Pole mount or surface mount
logo
RF Monolithics, Inc
SF1056B RFM-SF1056B Datasheet
826Kb / 5P
   Hermetic 5 X 7 mm Surface Mount Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com