Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2H-6V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TQ2H-6V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2H-6V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TQ2H-6V Datasheet HTML 1Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 2Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 3Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 4Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 5Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 6Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 7Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 8Page - Panasonic Semiconductor TQ2H-6V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
ORDERING INFORMATION
2-pole 5 mm Surface
Mount Relay, JIS C0806
compliant
TQ RELAYS
FEATURES
1. Flat compact size
14.0(L)
× 9.0(W) × 5.0(H) .551(L) ×
.354(W)
× .197(H)
2. Nominal operating power:
High sensitivity of 140mW (2 Form
C single side stable type)
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 140 mW (minimum operating
power of 79 mW) has been achieved.
RoHS compliant
3. Suitable for SMD automatic
insertion (SA type)
With a height of 5.6 mm .220 inch, the
relays meet JIS C 0806 specifications.
4. High density mounting possible
High-efficiency magnetic circuits
ensure low magnetic flux leakage.
Because characteristics are little
changed by proximity mounting, high-
density mounting is possible.
5. The use of gold-clad twin crossbar
contacts ensures high contact
reliability.
6. DIL terminal array enables use of IC
sockets
7. Low thermal electromotive force
As well as low power consumption of
140 mW, use of a structure with
separate coil and contact sections has
reduced thermal electromotive force to
the low level of approximately 5
µV.
Surface mount types achieve
approximately 2
µV.
8. Latching types also available
9. Self-clinching terminal also
available
10. A range of surface-mount types is
also available.
SA: Low-profile surface-mount
terminal type
SL: High connection reliability surface-
mount terminal type
SS: Space saving surface-mount
terminal type
11. M.B.B. contact types available
TYPICAL APPLICATIONS
1. Communications
2. Measurement equipment
3. OA equipment
4. Industrial machines
Nominal coil voltage (DC)*
1.5 (SMD only), 3, 4.5, 5, 6, 9, 12, 24, 48V
Contact arrangement
2: 2 Form C
TQ
2
MBB function
Nil:
2M:
Standard (B.B.M.) type
2M.B.B. type
Terminal shape
Nil:
H:
SA:
SL:
SS:
Standard PC board terminal
Self-clinching terminal
SA type
SL type
SS type
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching
2 coil latching
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/2/3/4/5-pin side)
Tape and reel packing (picked from the 6/7/8/9/10-pin side)
Notes: 1. *48 V coil type: Single side stable only
2. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.


Similar Part No. - TQ2H-6V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2H-6V NAIS-TQ2H-6V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Panasonic Semiconductor
TQ2H-6V PANASONIC-TQ2H-6V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2H-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2-3V PANASONIC-TQ2-3V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
TT Electronics.
TS005 TTELEC-TS005 Datasheet
321Kb / 1P
   Compliant surface mount package
logo
MolexKits
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
   Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
   Pole mount or surface mount
logo
RF Monolithics, Inc
SF1056B RFM-SF1056B Datasheet
826Kb / 5P
   Hermetic 5 X 7 mm Surface Mount Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com