Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75061N Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75061N
Description  DRIVER/RECEIVER PAIR WITH SQUELCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75061N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75061N Datasheet HTML 5Page - Texas Instruments SN75061N Datasheet HTML 6Page - Texas Instruments SN75061N Datasheet HTML 7Page - Texas Instruments SN75061N Datasheet HTML 8Page - Texas Instruments SN75061N Datasheet HTML 9Page - Texas Instruments SN75061N Datasheet HTML 10Page - Texas Instruments SN75061N Datasheet HTML 11Page - Texas Instruments SN75061N Datasheet HTML 12Page - Texas Instruments SN75061N Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SN75061
DRIVER/RECEIVER PAIR WITH SQUELCH
SLLS026C − JANUARY 1987 − REVISED JULY 1990
2−10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
DLEN at 3 V
50
DRI at 0 V or 3 V
Generator
(see Note A)
DRDLAJ
5 V
Rext = 62 kΩ
Cext = 100 pF
DATEN
DRO +
DRO −
RL = 100 Ω
Output
CL = 50 pF
(see Note B)
TEST CIRCUIT
VOLTAGE WAVEFORMS
5 V
Output
Input
3 V
0 V
2.3 V
VOL
0.5 V
≈ 5 V
tPZL
tPLZ
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 200 kHz, duty cycle ≤ 50%, tr ≤ 6 ns,
tf ≤ 6 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. Test Circuit and Voltage Waveforms for Driver Enable and Disable Time
DLEN at 3 V
50
DRI
GENERATOR
(see Note A)
DRDLAJ
5 V
Rext = 62 kΩ
Cext = 100 pF
DATEN at 3 V
DRO +
DRO −
RL = 100 Ω
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
Output
Input
3 V
0 V
2.3 V
VOH
1.5 V
≈ 0 V
CL = 50 pF
(see Note B)
tPZH
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 5. Test Circuit and Voltage Waveforms for Enable Time From Delay Enable


Similar Part No. - SN75061N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75061 TI1-SN75061 Datasheet
212Kb / 13P
[Old version datasheet]   DRIVER/RECEIVER PAIR WITH SQUELCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com