Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU1394KCV Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU1394KCV
Description  Stacked Metallized PEN Film Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1394KCV Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU1394KCV Datasheet HTML 1Page - Panasonic Semiconductor ECWU1394KCV Datasheet HTML 2Page - Panasonic Semiconductor ECWU1394KCV Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
I Rating, Dimensions & Quantity/Reel
GCapacitance tolerance : ±5 %(J)
ITaping Specification for Automatic Mounting
Refer to the page of taping specifications.
IConstruction
IDimensions in mm (not to scale)
Cap.<
=0.047 µF : Please use 50 VDC rating of ECHU(X)
Size code
E1
E2
E3a
E3
D1
D2
D3
D4
D5
B
Z
X
V
4.8
4.8
4.8
4.8
6.0
6.0
6.0
6.0
6.0
6.0
7.1
7.7
9.8
3.3
3.3
3.3
3.3
4.1
4.1
4.1
4.1
4.1
5.0
5.0
5.5
6.3
1.4
2.0
2.4
2.8
1.8
2.0
2.4
2.8
3.2
L
H
W
❈Refer to the column “Rating, Dimensions
& Quantity”.
Cap.
(µF)
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
ECWU1H563JC9
4.8
3.3
2.0
E2
ECWU1H683JC9
4.8
3.3
2.0
E2
ECWU1H823JC9
4.8
3.3
2.4
E3a
ECWU1H104JC9
4.8
3.3
2.8
E3
ECWU1H124JC9
6.0
4.1
1.8
D1
ECWU1H154JC9
6.0
4.1
2.0
D2
ECWU1H184JC9
6.0
4.1
2.4
D3
ECWU1H224JC9
6.0
4.1
2.8
D4
ECWU1C124JC9
4.8
3.3
1.4
E1
ECWU1C154JC9
4.8
3.3
2.0
E2
ECWU1C184JC9
4.8
3.3
2.0
E2
ECWU1C224JC9
4.8
3.3
2.4
E3a
ECWU1C274JC9
6.0
4.1
1.8
D1
ECWU1C334JC9
6.0
4.1
2.0
D2
ECWU1C394JC9
6.0
4.1
2.4
D3
ECWU1C474JC9
6.0
4.1
2.8
D4
3000
2000
Rated volt. 16 VDC
Part No
Dimensions (mm)
LW
H
Size
code
Q'ty
Rated volt. 50 VDC
Part No
Dimensions (mm)
LW
H
Size
code
Q'ty
3000
2000
3000
2000
3000
2000
Please use 16 VDC rating of ECHU(X)


Similar Part No. - ECWU1394KCV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1394KCV PANASONIC-ECWU1394KCV Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1394KCV PANASONIC-ECWU1394KCV Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1394KCV PANASONIC-ECWU1394KCV Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU1394KCV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com