Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1168DBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1168DBR
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1168DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN75C1168DBR Datasheet HTML 1Page - Texas Instruments SN75C1168DBR Datasheet HTML 2Page - Texas Instruments SN75C1168DBR Datasheet HTML 3Page - Texas Instruments SN75C1168DBR Datasheet HTML 4Page - Texas Instruments SN75C1168DBR Datasheet HTML 5Page - Texas Instruments SN75C1168DBR Datasheet HTML 6Page - Texas Instruments SN75C1168DBR Datasheet HTML 7Page - Texas Instruments SN75C1168DBR Datasheet HTML 8Page - Texas Instruments SN75C1168DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN65C1167
SN75C1167, SN65C1168, SN75C1168
www.ti.com
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Check for Samples: SN65C1167 SN75C1167 SN65C1168 SN75C1168
1
FEATURES
SN65C1167 . . . DB OR NS PACKAGE
Meet or Exceed Standards TIA/EIA-422-B and
SN75C1167 . . . DB, N, OR NS PACKAGE
(TOP VIEW)
ITU Recommendation V.11
BiCMOS Process Technology
Low Supply-Current Requirements: 9 mA Max
Low Pulse Skew
Receiver Input Impedance . . . 17 k
Ω Typ
Receiver Input Sensitivity . . . ±200 mV
Receiver Common-Mode Input Voltage Range
of
−7 V to 7 V
Operate From Single 5-V Power Supply
Glitch-Free Power-Up/Power-Down Protection
SN65C1168 . . . N, NS, OR PW PACKAGE
Receiver 3-State Outputs Active-Low Enable
SN75C1168 . . . DB, N, NS, OR PW PACKAGE
for SN65C1167 and SN75C1167 Only
(TOP VIEW)
Improved Replacements for the MC34050 and
MC34051
DESCRIPTION
The SN65C1167, SN75C1167, SN65C1168, and SN75C1168 dual drivers and receivers are integrated circuits
designed for balanced transmission lines. The devices meet TIA/EIA-422-B and ITU recommendation V.11.
The SN65C1167 and SN75C1167 combine dual 3-state differential line drivers and 3-state differential line
receivers, both of which operate from a single 5-V power supply. The driver and receiver have active-high and
active-low enables, respectively, which can be connected together externally to function as direction control. The
SN65C1168 and SN75C1168 drivers have individual active-high enables.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75C1168DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1168DBR TI-SN75C1168DBR Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168DBR TI-SN75C1168DBR Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168DBR TI-SN75C1168DBR Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168DBR TI-SN75C1168DBR Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168DBR TI1-SN75C1168DBR Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1168DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com