Electronic Components Datasheet Search |
|
OR2C12A-3BA208I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
OR2C12A-3BA208I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 192 page ORCA ® Series 2 Field-Programmable Gate Arrays Data Sheet June 1999 Features s High-performance, cost-effective, low-power 0.35 µm CMOS technology (OR2CxxA), 0.3 µm CMOS technology (OR2TxxA), and 0.25 µm CMOS technology (OR2TxxB), (four-input look-up table (LUT) delay less than 1.0 ns with -8 speed grade) s High density (up to 43,200 usable, logic-only gates; or 99,400 gates including RAM) s Up to 480 user I/Os (OR2TxxA and OR2TxxB I/Os are 5 V tolerant to allow interconnection to both 3.3 V and 5 V devices, selectable on a per-pin basis) s Four 16-bit look-up tables and four latches/flip-flops per PFU, nibble-oriented for implementing 4-, 8-, 16-, and/or 32-bit (or wider) bus structures s Eight 3-state buffers per PFU for on-chip bus structures s Fast, on-chip user SRAM has features to simplify RAM design and increase RAM speed: — Asynchronous single port: 64 bits/PFU — Synchronous single port: 64 bits/PFU — Synchronous dual port: 32 bits/PFU s Improved ability to combine PFUs to create larger RAM structures using write-port enable and 3-state buffers s Fast, dense multipliers can be created with the multiplier mode (4 x 1 multiplier/PFU): — 8 x 8 multiplier requires only 16 PFUs — 30% increase in speed s Flip-flop/latch options to allow programmable priority of synchronous set/reset vs. clock enable s Enhanced cascadable nibble-wide data path capabilities for adders, subtractors, counters, multipliers, and comparators including internal fast-carry operation s Innovative, abundant, and hierarchical nibble- oriented routing resources that allow automatic use of internal gates for all device densities without sacrificing performance s Upward bit stream compatible with the ORCA ATT2Cxx/ ATT2Txx series of devices s Pinout-compatible with new ORCA Series 3 FPGAs s TTL or CMOS input levels programmable per pin for the OR2CxxA (5 V) devices s Individually programmable drive capability: 12 mA sink/6 mA source or 6 mA sink/3 mA source s Built-in boundary scan ( IEEE*1149.1 JTAG) and 3-state all I/O pins, (TS_ALL) testability functions s Multiple configuration options, including simple, low pin- count serial ROMs, and peripheral or JTAG modes for in- system programming (ISP) s Full PCI bus compliance for all devices s Supported by industry-standard CAE tools for design entry, synthesis, and simulation with ORCA Foundry Development System support (for back-end implementa- tion) s New, added features (OR2TxxB) have: — More I/O per package than the OR2TxxA family — No dedicated 5 V supply (VDD5) — Faster configuration speed (40 MHz) — Pin selectable I/O clamping diodes provide 5V or 3.3V PCI compliance and 5V tolerance — Full PCI bus compliance in both 5V and 3.3V PCI sys- tems * IEEE is a registered trademark of The Institute of Electrical and Electronics Engineers, Inc. Table 1 . ORCA Series 2 FPGAs * The first number in the usable gates column assumes 48 gates per PFU (12 gates per four-input LUT/FF pair) for logic-only designs. The second number assumes 30% of a design is RAM. PFUs used as RAM are counted at four gates per bit, with each PFU capable of implementing a 16 x 4 RAM (or 256 gates) per PFU. Device Usable Gates* # LUTs Registers Max User RAM Bits User I/Os Array Size OR2C04A/OR2T04A 4,800—11,000 400 400 6,400 160 10 x 10 OR2C06A/OR2T06A 6,900—15,900 576 576 9,216 192 12 x 12 OR2C08A/OR2T08A 9,400—21,600 784 724 12,544 224 14 x 14 OR2C10A/OR2T10A 12,300—28,300 1024 1024 16,384 256 16 x 16 OR2C12A/OR2T12A 15,600—35,800 1296 1296 20,736 288 18 x 18 OR2C15A/OR2T15A/OR2T15B 19,200—44,200 1600 1600 25,600 320 20 x 20 OR2C26A/OR2T26A 27,600—63,600 2304 2304 36,864 384 24 x 24 OR2C40A/OR2T40A/OR2T40B 43,200—99,400 3600 3600 57,600 480 30 x 30 |
Similar Part No. - OR2C12A-3BA208I |
|
Similar Description - OR2C12A-3BA208I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |