Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBE0414-250.5CT47K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MBE0414-250.5CT47K
Description  MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBE0414-250.5CT47K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MBE0414-250.5CT47K Datasheet HTML 1Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 2Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 3Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 4Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 5Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 6Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 7Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 8Page - List of Unclassifed Manufacturers MBE0414-250.5CT47K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 Oct 07
5
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
ORDERING INFORMATION
Components may be ordered by using either a simple clear text ordering code, see “Type description and ordering code”
or BCcomponents’ unique 12NC.
Numeric Ordering code (12NC)
• The resistors have a 12-digit ordering code starting with 2312.
• The subsequent 4 digits indicate the resistor type, specification and packaging; see Table 2.
• The remaining 4 digits indicate the resistance value:
– The first 3 digits indicate the resistance value.
– The last digit indicates the resistance decade in accordance with Table 3.
Table 2
12NC ordering code indicating resistor type and packaging
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability.
DESCRIPTION
ORDERING CODE 2312 ... .....
BANDOLIER IN BOX
TYPE
T.C.
TOL.
C1
1000
units
CT
5000
units
MBA 0204
±50 ppm/K
±5%
900 3....
905 3....
±1%
900 1....
905 1....
±0,5%
900 5....
905 5....
±25 ppm/K
±1%
901 1....
906 1....
±0,5%
901 5....
906 5....
jumper
900 90001
905 90001
MBB 0207
±50 ppm/K
±5%
910 3....
915 3....
±1%
910 1....
915 1....
±0,5%
910 5....
915 5....
±25 ppm/K
±1%
911 1....
916 1....
±0,5%
911 5....
916 5....
jumper
910 90001
915 90001
MBE 0414
±50 ppm/K
±5%
920 3....
±1%
920 1....
±0,5%
920 5....
±25 ppm/K
±1%
921 1....
±0,5%
921 5....


Similar Part No. - MBE0414-250.5CT47K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBE0414 VISHAY-MBE0414 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBE0414 ETC2-MBE0414 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results

Similar Description - MBE0414-250.5CT47K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070C2709FB200 VISHAY-MMB02070C2709FB200 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com