Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171529000 Datasheet(PDF) 4 Page - Weidmuller

Part # 171529000
Description  PCB Components and Housings for Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

171529000 Datasheet(HTML) 4 Page - Weidmuller

  171529000 Datasheet HTML 1Page - Weidmuller 171529000 Datasheet HTML 2Page - Weidmuller 171529000 Datasheet HTML 3Page - Weidmuller 171529000 Datasheet HTML 4Page - Weidmuller 171529000 Datasheet HTML 5Page - Weidmuller 171529000 Datasheet HTML 6Page - Weidmuller 171529000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product catalogue | PCB Components and Housings for Electronics | PCB terminals | Clamping yoke connection | LM
5.00 / 5.08 | LM 5.00/135
- 4 -
Similar products
Order No.
Part designation
Version
1715350000
LM5.00/2/135 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 2,
135°, Box
1913440000
LM 5.00/2/135 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 2,
135°, Box
1715410000
LM5.00/2/135 GN
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 2,
135°, Box
1715360000
LM5.00/3/135 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 3,
135°, Box
1715300000
LM5.00/3/135 SW
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 3,
135°, Box
1913450000
LM 5.00/3/135 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 3,
135°, Box
1715420000
LM5.00/3/135 GN
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 3,
135°, Box
1845390000
LM5.00/4/135 3.5OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 4,
135°, Box
9993510000
LM5.00/4/135 3.5 SW
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 4,
135°, Box
1913460000
LM 5.00/4/135 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 4,
135°, Box
1913330000
LM 5.00/4/135 GN
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 4,
135°, Box
1845400000
LM5.00/5/135 3.5OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 5,
135°, Box
9993520000
LM5.00/5/135 3.5 SW
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 5,
135°, Box
1913470000
LM 5.00/5/135 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 5,
135°, Box
1913340000
LM 5.00/5/135 GN
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 5,
135°, Box
1845410000
LM5.00/6/135 3.5OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 2.5 mm², Pitch: 5.00 mm, No. of poles: 6,
135°, Box


Similar Part No. - 171529000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715293 PHOENIX-1715293 Datasheet
105Kb / 7P
   Printed-circuit board connector - TPC 16/ 6-STF-10,16
More results

Similar Description - 171529000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
   Universal electronics housings
2017-08-22
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
logo
PHOENIX CONTACT
106461 PHOENIX-106461 Datasheet
618Kb / 21P
   Series EH...F electronics housings
2015-03-05
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
   Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com