Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEETK2A221AM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEETK2A221AM
Description  Aluminum Electrolytic Capacitors/ TK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETK2A221AM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEETK2A221AM Datasheet HTML 1Page - Panasonic Semiconductor EEETK2A221AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TK
– EEE-54 –
High temperature Lead-Free reflow Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
ESR
(100 kHz)
( )
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.) +20 °C –40 °C
(pcs)
10
1000
12.5
13.5
H13
800
0.120
1.80
0.30
EEETK1A102AQ
(9)
200
1500
12.5
13.5
(H13)
800
0.120
1.80
0.30
EEETKA152UAQ
(9)
200
2200
16
16.5
J16
1100
0.080
1.20
0.32
EEETK1A222AM
(9)
125
3300
16
16.5
(J16)
1100
0.080
1.20
0.34
EEETKA332UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.36
EEETK1A332AM
(9)
125
4700
18
16.5
K16
1300
0.075
1.10
0.38
EEETK1A472AM
(9)
125
16
330
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C331AQ
(9)
200
470
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C471AQ
(9)
200
680
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C681AQ
(9)
200
1000
12.5
13.5
(H13)
800
0.120
1.80
0.23
EEETKC102UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.25
EEETK1C102AM
(9)
125
2200
16
16.5
(J16)
1100
0.080
1.20
0.27
EEETKC222UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.27
EEETK1C222AM
(9)
125
3300
18
16.5
K16
1300
0.075
1.10
0.29
EEETK1C332AM
(9)
125
25
330
12.5
13.5
H13
800
0.120
1.80
0.18
EEETK1E331AQ
(9)
200
470
12.5
13.5
H13
800
0.120
1.80
0.18
EEETK1E471AQ
(9)
200
680
12.5
13.5
(H13)
800
0.120
1.80
0.18
EEETKE681UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.18
EEETK1E681AM
(9)
125
1000
16
16.5
(J16)
1100
0.080
1.20
0.18
EEETKE102UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.18
EEETK1E102AM
(9)
125
2200
18
16.5
K16
1300
0.075
1.10
0.20
EEETK1E222AM
(9)
125
35
330
12.5
13.5
H13
800
0.120
1.80
0.16
EEETK1V331AQ
(9)
200
470
12.5
13.5
(H13)
800
0.120
1.80
0.16
EEETKV471UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.16
EEETK1V471AM
(9)
125
680
16
16.5
(J16)
1100
0.080
1.20
0.16
EEETKV681UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.16
EEETK1V681AM
(9)
125
1000
18
16.5
K16
1300
0.075
1.10
0.16
EEETK1V102AM
(9)
125
50
220
12.5
13.5
H13
600
0.230
3.40
0.14
EEETK1H221AQ
(10)
200
330
12.5
13.5
H13
600
0.230
3.40
0.14
EEETK1H331AQ
(10)
200
470
16
16.5
J16
900
0.150
2.20
0.14
EEETK1H471AM
(10)
125
680
16
16.5
(J16)
900
0.150
2.20
0.14
EEETKH681UAM
(10)
125
18
16.5
K16
950
0.140
2.10
0.14
EEETK1H681AM
(10)
125
1000
18
16.5
K16
950
0.140
2.10
0.14
EEETK1H102AM
(10)
125
63
100
12.5
13.5
H13
350
0.260
5.20
0.12
EEETK1J101AQ
(11)
200
220
12.5
13.5
H13
350
0.260
5.20
0.12
EEETK1J221AQ
(11)
200
330
16
16.5
J16
500
0.180
3.60
0.12
EEETK1J331AM
(11)
125
470
16
16.5
J16
500
0.180
3.60
0.12
EEETK1J471AM
(11)
125
80
47
12.5
13.5
H13
250
0.420
8.40
0.12
EEETK1K470AQ
(11)
200
100
12.5
13.5
(H13)
250
0.420
8.40
0.12
EEETKK101UAQ
(11)
200
16
16.5
J16
350
0.300
6.00
0.12
EEETK1K101AM
(11)
125
220
16
16.5
(J16)
350
0.300
6.00
0.12
EEETKK221UAM
(11)
125
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K221AM
(11)
125
330
16
16.5
(J16)
350
0.300
6.00
0.12
EEETKK331UAM
(11)
125
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K331AM
(11)
125
470
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K471AM
(11)
125
100
47
12.5
13.5
H13
250
0.420
8.40
0.10
EEETK2A470AQ
(11)
200
100
16
16.5
J16
350
0.300
6.00
0.10
EEETK2A101AM
(11)
125
220
18
16.5
K16
400
0.280
5.60
0.10
EEETK2A221AM
(11)
125
330
18
16.5
K16
400
0.280
5.60
0.10
EEETK2A331AM
(11)
125
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “Q or M”
Endurance : 125 °C 2000 h
01 Feb. 2013


Similar Part No. - EEETK2A221AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEETK2A221AM PANASONIC-EEETK2A221AM Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK2A221AM PANASONIC-EEETK2A221AM Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK2A221AM PANASONIC-EEETK2A221AM Datasheet
56Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEETK2A221AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TK1K331AM PANASONIC-EEE-TK1K331AM Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEE-TK1E221UP PANASONIC-EEE-TK1E221UP Datasheet
71Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK1E101P PANASONIC-EEETK1E101P Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com