Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFK0J472S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFK0J472S
Description  Aluminum Electrolytic Capacitors/ FK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK0J472S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFK0J472S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK0J472S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK0J472S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK0J472S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK0J472S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
Case size/Impedance/Ripple current
Case size
(
φD L)
Impedance
( )/(100 kHz)
Ripple Current
(mA r.m.s.)/(100 kHz)
+20 °C
–10 °C
+105 °C
8
11.5
0.090
0.180
630
8
15
0.062
0.124
860
8
20
0.044
0.088
1220
10
12.5
0.063
0.126
900
10
16
0.049
0.098
1240
10
20
0.035
0.070
1490
10
25
0.033
0.066
1680
10
30
0.025
0.050
2140
12.5
15
0.048
0.096
1400
12.5
20
0.029
0.058
1890
12.5
25
0.022
0.044
2280
12.5
30
0.018
0.036
2720
12.5
35
0.016
0.032
2940
12.5
40
0.014
0.028
3010
16
15
0.038
0.076
1800
16
20
0.026
0.052
2330
16
25
0.019
0.038
2760
18
15
0.036
0.072
2060
18
20
0.025
0.050
2640
18
25
0.018
0.036
2850
Jan. 2008


Similar Part No. - EEUFK0J472S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFK0J472S PANASONIC-EEUFK0J472S Datasheet
89Kb / 5P
   Aluminum Electrolytic Capacitors
EEUFK0J472S PANASONIC-EEUFK0J472S Datasheet
634Kb / 12P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUFK0J472S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com