Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACKAGIN Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PACKAGIN
Description  Packaging Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PACKAGIN Datasheet(HTML) 6 Page - Vishay Siliconix

  PACKAGIN Datasheet HTML 1Page - Vishay Siliconix PACKAGIN Datasheet HTML 2Page - Vishay Siliconix PACKAGIN Datasheet HTML 3Page - Vishay Siliconix PACKAGIN Datasheet HTML 4Page - Vishay Siliconix PACKAGIN Datasheet HTML 5Page - Vishay Siliconix PACKAGIN Datasheet HTML 6Page - Vishay Siliconix PACKAGIN Datasheet HTML 7Page - Vishay Siliconix PACKAGIN Datasheet HTML 8Page - Vishay Siliconix PACKAGIN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
6
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
Fig. 5 - Avisert
Fig. 6 - Pseudo Radial
Note:
(1) Component Alignment
Available only for GP10 style products utilizing 0.65 mm (0.025") or 0.76 mm (0.030")
diameter leads for Panasert and Avisert tape. Lead coating is available on GP10 products only.
User Direction Feed
13.0 (0.512)
12.4 (0.488)
6.5 MAX.
(0.256)
5.68 (0.224)
4.68 (0.184)
(Center to Center)
(Center to Center)
1.0 MAX.
(1)
(0.40)
16.5 (0.650)
15.5 (0.610)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
4.3 (0.169)
3.7 (0.146)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.86 (0.034)
0.55 (0.022)
Lead DIA.
± 1.0
(1)
(± 0.039)
3.0 MAX.
(0.118)
0.6 (0.025)
0.4 (0.016)
16.0 MIN.
(0.630)
32.0 (1.26)
23.0 (0.905)
5.5 MIN.
(0.217)
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
11.0
MAX.
(0.433)
12.7 (0.50)
(Nominal)
Standard Polarity Cathode Oriented Away from Sprocket Holes (Optional Polarity Cathode Oriented Toward Sprocket Holes)
16.0 (0.63)
MIN.
2.0 (0.079)
MAX.
11.0
(4.33)
MAX.
13.0 (0.51)
12.4 (0.49)
4.3 (0.169)
3.7 (0.146)
DIA.
12.5
(0.492)
MIN.
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
± 1.0
(1)
(± 0.039)
1.0 (0.039) MAX.
0.6 (0.025)
0.4 (0.016)
Available only for MPG06 Product in Ammo Pack in Accordance with EIA Standard RS-468-A Utilizing
0.61 mm (0.024") Diameter Leads. Maximum Cumulative Pitch Tolerance: 1.0 mm (0.039")/20 Pitch.
User Direction Feed
0.66 (0.026)
0.55 (0.022)
Lead DIA.
2.54 (0.01)
2.29 (0.090)
Body DIA.
3.2 (0.125)
2.9 (0.115)
3.06 (0.118)
MAX.
5.68 (0.224)
4.68 (0.184)
4.51 (0.178)
3.11 (0.122)
(Center to Center)
12.7 (0.50)
(Nominal)
1.0 MAX.
(1)
(0.40)
Note:
(1) Component Alignment


Similar Part No. - PACKAGIN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PACKAGE1-2QC1D0 OSRAM-PACKAGE1-2QC1D0 Datasheet
954Kb / 11P
   1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
PACKAGE1-2QC1WA OSRAM-PACKAGE1-2QC1WA Datasheet
954Kb / 11P
   1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
PACKAGE1-2QC1WO OSRAM-PACKAGE1-2QC1WO Datasheet
954Kb / 11P
   1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
PACKAGE1-2QC1WP OSRAM-PACKAGE1-2QC1WP Datasheet
954Kb / 11P
   1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
PACKAGE1-2QI1D0 OSRAM-PACKAGE1-2QI1D0 Datasheet
954Kb / 11P
   1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
More results

Similar Description - PACKAGIN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
Vishay Siliconix
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
   Packaging Information
Revision: 18-Mar-14
logo
Torex Semiconductor
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
   Packaging Information
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
   Packaging Information
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
logo
Torex Semiconductor
SOT-323 TOREX-SOT-323 Datasheet
134Kb / 2P
   Packaging Information
TO-92 TOREX-TO-92 Datasheet
182Kb / 3P
   Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com