Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1845430000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1845430000
Description  PCB Components and Housings for Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1845430000 Datasheet(HTML) 2 Page - Weidmuller

  1845430000 Datasheet HTML 1Page - Weidmuller 1845430000 Datasheet HTML 2Page - Weidmuller 1845430000 Datasheet HTML 3Page - Weidmuller 1845430000 Datasheet HTML 4Page - Weidmuller 1845430000 Datasheet HTML 5Page - Weidmuller 1845430000 Datasheet HTML 6Page - Weidmuller 1845430000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product catalogue | PCB Components and Housings for Electronics | PCB terminals | Clamping yoke connection | LM
5.00 / 5.08 | LM 5.00/135
- 2 -
System parameters
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.4 Nm
Tightening torque, max.
0.5 Nm
Clamping screw
M 2.5
Stripping length
6 mm
L1 in mm
5 mm
L1 in inch
0.197 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
Wemid (PA)
Colour
black
colour chart
Similar to RAL 9011
Insulating material group
I
Flammability class UL 94
V-0
CTI
>= 600
Temperature of glow-wire test
750 °C
Duration of glow-wire test
30 S
Contact base material
Copper alloy
Contact surface
tinned
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Connectable conductors
Clamping range, min.
0.2 mm²
Clamping range, max.
2.5 mm²
AWG, min.
24
AWG, max.
14
O.D. of conductor insulation, max.
2.9 mm
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
2.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
1.5 mm²
With wire end ferrule, acc. to DIN 46 228/1, min.
0.25 mm²
With wire end ferrule, acc. to DIN 46 228/1, max. 1.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.25 mm²
w. plastic collar ferrule, DIN 46228 pt 4, max.
1.5 mm²
Gauge to EN 60999 a x b; ø
2.4 mm x 1.5 mm; 1.9mm
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
17.5 A
Rated current, max. No. pins (Tu=20°C)
16 A
Rated current, min. No. pins(Tu=40°C)
17.5 A
Rated current, max. No. pins (Tu=40°C)
14.2 A
Rated voltage for overvoltage class/pollution
severity II/2
630 V
Rated voltage for overvoltage class/pollution
severity III/2
320 V


Similar Part No. - 1845430000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845439 PHOENIX-1845439 Datasheet
588Kb / 18P
   PCB header - MDSTBVA 2,5/12-G-5,08
Jan 3, 2023
More results

Similar Description - 1845430000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
   Universal electronics housings
2017-08-22
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
logo
PHOENIX CONTACT
106461 PHOENIX-106461 Datasheet
618Kb / 21P
   Series EH...F electronics housings
2015-03-05
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
   Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com