Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1724240000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1724240000
Description  PCB connection systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1724240000 Datasheet(HTML) 4 Page - Weidmuller

  1724240000 Datasheet HTML 1Page - Weidmuller 1724240000 Datasheet HTML 2Page - Weidmuller 1724240000 Datasheet HTML 3Page - Weidmuller 1724240000 Datasheet HTML 4Page - Weidmuller 1724240000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB terminals | Clamping yoke connection | LP 5.00 / 5.08 | LP 5.00/90
- 4 -
1594330000
LP5.00/3/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 3, 90°,
Box
1594510000
LP5.00/3/90 4.5 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 3, 90°,
Box
1696070000
LP5.00/3/90 4.5 SW
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 3, 90°,
Box
1608310000
LP5.00/4/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 4, 90°,
Box
1714870000
LP5.00/4/90 3.2 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 4, 90°,
Box
1759100000
LP5.00/5/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 5, 90°,
Box
1608330000
LP5.00/6/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 6, 90°,
Box
1608340000
LP5.00/6/90 4.5 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 6, 90°,
Box
1844480000
LP5.00/7/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 7, 90°,
Box
1608350000
LP5.00/8/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 8, 90°,
Box
1608360000
LP5.00/8/90 4.5 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 8, 90°,
Box
1753300000
LP5.00/9/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 9, 90°,
Box
1608370000
LP5.00/10/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 10, 90°,
Box
1608380000
LP5.00/10/90 4.5 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 10, 90°,
Box
1844490000
LP5.00/11/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 11, 90°,
Box
1608390000
LP5.00/12/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 12, 90°,
Box
1608410000
LP5.00/16/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 16, 90°,
Box


Similar Part No. - 1724240000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1724213 PHOENIX-1724213 Datasheet
96Kb / 2P
   MSTBW 2,5/ 7-G BG
1724297 PHOENIX-1724297 Datasheet
57Kb / 4P
   Base strip - GMSTBA 2,5/12-G-7,62 BK
More results

Similar Description - 1724240000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com