Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTJ10603 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERTJ10603
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJ10603 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERTJ10603 Datasheet HTML 1Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 2Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 3Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 4Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 5Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 6Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 7Page - Panasonic Semiconductor ERTJ10603 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 364 –
L
T
W
L1
L2
E
C
D
A
W2
W1
100 min.
Vacant position
Top cover tape
400 min.
160 min.
Vacant position
t
P1 P2
P0
K0
φD0
A
Tape running direction
Chip component
Feeding hole
Chip pocket
t2
Chip component
Feeding hole
Chip pocket
φD0
P1
P2
P0
Tape running direction
A
t1
t1
P1 P2
P0
Tape running direction
t2
Chip component
Feeding hole
Chip pocket
φD0
A
Dimensions in mm (not to scale)
Size Code (EIA)
LWT
L1, L2
Z(0201)
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0(0402)
1.0±0.1
0.50±0.05
0.50±0.05
0.25±0.15
1(0603)
1.60±0.15
0.8±0.1
0.8±0.1
0.3±0.2
Packaging Methods
● Standard Packing Quantities
● Reel for Taping
Symbol
φA
φB
CD
E
W1
W2
Dim.
(mm)
180–3
60.0
+1.0 13.0±0.5 21.0 ±0.8 2.0 ±0.5 9.0+1.0 11.4±1.0
0
Taped end
● Leader Part and Taped End
Leader part
(Unit : mm)
● Pitch 2 mm (Pressed Carrier Taping) : Size 0201
● Pitch 2 mm (Punched Carrier Taping) : Size 0402
● Pitch 4 mm (Punched Carrier Taping) : Size 0603
Symbol
AB
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
1.0
±0.1
1.8
±0.1
8.0
±0.2
3.50
±0.05
1.75
±0.10
4.0
±0.1
2.00
±0.05
4.0
±0.1
1.5+0.1
0
1.1
max.
1.4
max.
Symbol
AB
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
0.62
±0.05
1.12
±0.05
8.0
±0.2
3.50
±0.05
1.75
±0.10
2.00
±0.05
2.00
±0.05
4.0
±0.1
1.5+0.1
0
0.7
max.
1.0
max.
Symbol
AB
W
F
E
P1
P2
P0
φD0
tK0
Dim.
(mm)
0.36
±0.03
0.66
±0.03
8.0
±0.2
3.50
±0.05
1.75
±0.10
2.00
±0.05
2.00
±0.05
4.0
±0.1
1.5+0.1
0
0.55
max.
0.36
±0.03
(Unit : mm)
Minimum Quantity / Packing Unit
0
0
Size
Code
Thickness
(mm)
Kind of Taping
Pitch
(mm)
Quantity
(pcs./reel)
Z(0201)
0.3
Pressed Carrier Taping
2
15,000
0(0402)
0.5
Punched Carrier Taping
2
10,000
1(0603)
0.8
4
4,000
Part Number
(Size)
Minimum Quantity
/ Packing Unit
Packing Quantity
in Carton
Carton
L W H (mm)
ERTJZ
(0201)
15,000
300,000
250 200 200
ERTJ0
(0402)
10,000
200,000
250 200 200
ERTJ1
(0603)
4,000
80,000
250 200 200
Part No., quantity and country of origin are designated
on outer packages in English.
Sep. 2010
00


Similar Part No. - ERTJ10603

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTJ10603 PANASONIC-ERTJ10603 Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ10603 PANASONIC-ERTJ10603 Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERTJ10603

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VG103JA PANASONIC-ERT-J1VG103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0ER103J PANASONIC-ERT-J0ER103J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com