Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZJZ0V80010 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EZJZ0V80010
Description  Multilayer Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZ0V80010 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EZJZ0V80010 Datasheet HTML 1Page - Panasonic Semiconductor EZJZ0V80010 Datasheet HTML 2Page - Panasonic Semiconductor EZJZ0V80010 Datasheet HTML 3Page - Panasonic Semiconductor EZJZ0V80010 Datasheet HTML 4Page - Panasonic Semiconductor EZJZ0V80010 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
5
4
3
2
1
L
T
W
L1
L2
1
2
3
4
56789
10
11
12
Z
0
1
Product Code
Size Code
0201
0402
0603
V
Packaging Style Code
The first and second digits
denote the first 2 numbers
of the varistor voltage and
the third digit indicates the
number of zeros following.
The decimal point denotes
in R.
Nomiral Varitor Voltage
0402, 0603 Paper Taping
Z
P
Series Code
EZJZ series
EZJP series
Design Code
Design Code
(Example)
Below 3 pF, the 10 or 11th
position of the P/N indicates the
capacitance value as follows :
2.0 pF·····20, 1.5 p·····F15
Nil Cap. Tolerance : max.
Cap. Tolerance : ±0.25 pF
Cap. Tolerance : ±0.50 pF
C
D
Cap. Tolerance : ±0.1 pF
B
K
Cap. Tolerance : ±10 %
M Cap. Tolerance : ±20 %
Capacitance Code
3 pF
20 pF
27 pF
47 pF
56 pF
68 pF
A
R
D
E
W
F
100 pF
150 pF
220 pF
330 pF
680 pF
G
H
J
K
M
Packaging Methods, Handling Precautions
Please see Data Files
Features
● Excellent ESD suppression due to advanced material
technology
● Meets IEC61000-4-2, Level 4 standard
● Can replace 2 Zener Diodes and 1 Capacitor
● Low capacitance versions for DC voltage lines of high
speed busses
● Ultra low capacitance for signal lines of high speed
busses
● Ideal usage for USB 2.0, IEEE1394, and HDMI high
speed data busses
● RoHS compliant
Multilayer Varistor for ESD pulse
[DC voltage lines/High speed signal lines]
Series :
EZJZ, EZJP
Explanation of Part Numbers
Construction
No.
Name
1
Semiconductive Ceramics
2
Internal electrode
3
Terminal electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Dimensions in mm (not to scale)
Size Code Size(inch)
L
W
T
L1, L2
Z
0201
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0
0402
1.00±0.05
0.50±0.05
0.50±0.05
0.2±0.1
1
0603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
Nov. 2012
01
47


Similar Part No. - EZJZ0V80010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZ0V80010 PANASONIC-EZJZ0V80010 Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V80010 PANASONIC-EZJZ0V80010 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Similar Description - EZJZ0V80010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com