Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV14D220 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ERZV14D220
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV14D220 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ERZV14D220 Datasheet HTML 6Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 7Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 8Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 9Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 10Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 11Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 12Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 13Page - Panasonic Semiconductor ERZV14D220 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 13 –
D
T
W
W
f 0.6
L
9 Series
Ratings and Characteristics
● Operating Temperature Range : –40 to 85 °C
● Storage Temperature Range : –40 to 125 °C
✽Ip Measuring current of clamping voltage 180 to 680 : 5 A, 820 to 511 : 25 A
Dimensions in mm (not to scale) ✽ Refer to page 24 to 26 about leads cut type and taping.
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 μs)
Capacitance
(max.)
(10/1000 μs) (2 ms)
1 time 2 times
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
at 1 kHz (pF)
ERZV09D180
18(16 to 20)
11
14
36
0.05
2.6
2.2
1000
500
16000
ERZV09D220
22(20 to 24)
14
18
43
0.05
3.2
2.6
1000
500
11000
ERZV09D270
27(24 to 30)
17
22
53
0.05
3.9
3.2
1000
500
8000
ERZV09D330
33(30 to 36)
20
26
65
0.05
4.8
4.0
1000
500
6300
ERZV09D390
39(35 to 43)
25
31
77
0.05
5.6
4.7
1000
500
5200
ERZV09D470
47(42 to 52)
30
38
93
0.05
6.8
5.6
1000
500
4600
ERZV09D560
56(50 to 62)
35
45
110
0.05
8.1
6.7
1000
500
3750
ERZV09D680
68(61 to 75)
40
56
135
0.05
9.8
8.2
1000
500
2800
ERZV09D820
82(74 to 90)
50
65
135
0.4
14
10
3500 2500
2000
ERZV09D101
100(90 to 110)
60
85
165
0.4
17
12
3500 2500
1700
ERZV09D121 120(108 to 132)
75
100
200
0.4
20
14.5
3500 2500
1400
ERZV09D151 150(135 to 165)
95
125
250
0.4
25
18
3500 2500
1100
ERZV09D201 200(185 to 225)
130
170
340
0.4
35
25
3500 2500
430
ERZV09D221 220(198 to 242)
140
180
360
0.4
39
27.5
3500 2500
410
ERZV09D241 240(216 to 264)
150
200
395
0.4
42
30
3500 2500
380
ERZV09D271 270(247 to 303)
175
225
455
0.4
49
35
3500 2500
350
ERZV09D331 330(297 to 363)
210
270
545
0.4
58
42
3500 2500
300
ERZV09D361 360(324 to 396)
230
300
595
0.4
65
45
3500 2500
300
ERZV09D391 390(351 to 429)
250
320
650
0.4
70
50
3500 2500
300
ERZV09D431 430(387 to 473)
275
350
710
0.4
80
55
3500 2500
270
ERZV09D471 470(423 to 517)
300
385
775
0.4
85
60
3500 2500
230
ERZV09D511 510(459 to 561)
320
410
845
0.4
92
67
3500 2500
210
Part No.
D max.
T max.
W
±1.0
H max.
L
±1.0
ERZV09D180
11.5
3.8
5.0
14.0
1.3
ERZV09D220
11.5
4.0
5.0
14.0
1.4
ERZV09D270
11.5
4.2
5.0
14.0
1.5
ERZV09D330
11.5
4.5
5.0
14.0
1.7
ERZV09D390
11.5
4.0
5.0
14.0
1.7
ERZV09D470
11.5
4.2
5.0
14.0
1.8
ERZV09D560
11.5
4.4
5.0
14.0
1.9
ERZV09D680
11.5
4.5
5.0
14.0
2.2
ERZV09D820
11.5
3.8
5.0
14.0
1.6
ERZV09D101
11.5
3.9
5.0
14.0
1.8
ERZV09D121
11.5
4.1
5.0
14.0
2.0
ERZV09D151
11.5
4.4
5.0
14.0
2.2
ERZV09D201
11.5
4.1
5.0
14.0
1.7
ERZV09D221
11.5
4.2
5.0
14.0
1.8
ERZV09D241
11.5
4.3
5.0
14.0
1.9
ERZV09D271
11.5
4.5
5.0
14.0
2.0
ERZV09D331
11.5
4.8
5.0
14.0
2.3
ERZV09D361
11.5
5.0
5.0
14.0
2.5
ERZV09D391
11.5
5.1
5.0
14.0
2.6
ERZV09D431
11.5
5.3
5.0
14.0
2.8
ERZV09D471
11.5
5.6
5.0
14.0
3.1
ERZV09D511
11.5
5.8
5.0
14.0
3.2
Aug. 2012
01


Similar Part No. - ERZV14D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV14D220 PANASONIC-ERZV14D220 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D220 PANASONIC-ERZV14D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D220 PANASONIC-ERZV14D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV14D220 PANASONIC-ERZV14D220 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D220 PANASONIC-ERZV14D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV14D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com