Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-263AB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TO-263AB
Description  Packaging Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-263AB Datasheet(HTML) 5 Page - Vishay Siliconix

  TO-263AB Datasheet HTML 1Page - Vishay Siliconix TO-263AB Datasheet HTML 2Page - Vishay Siliconix TO-263AB Datasheet HTML 3Page - Vishay Siliconix TO-263AB Datasheet HTML 4Page - Vishay Siliconix TO-263AB Datasheet HTML 5Page - Vishay Siliconix TO-263AB Datasheet HTML 6Page - Vishay Siliconix TO-263AB Datasheet HTML 7Page - Vishay Siliconix TO-263AB Datasheet HTML 8Page - Vishay Siliconix TO-263AB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
5
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
Fig. 3 - Euroform
Fig. 4 - Panasert
Available for GP10 Products only Utilizing 0.65 mm (0.025") Diameter Leads for
Euroform tape by adding suffix “E” (GP10GE, 1N4004GPE). Lead coating is standard.
Tape
5.68 (0.224)
4.68 (0.184)
(Center to Center)
20.5
18.5
(0.807)
(0.728)
11.0
MAX.
(0.433)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
1.0 MAX. (2)
(0.40)
(Center to Center)
6.5 MAX.
(0.256)
16.5 (0.650)
15.5 (0.610)
4.3 (0.169)
3.7 (0.146)
DIA.
2.5
MIN.
(0.098)
12.0 MAX.
(0.472)
7.35 (0.29)
5.35 (0.21)
0.6 MAX.
(0.024)
9.75 (0.384)
8.50 (0.335)
19.0 (0.748)
17.5 (0.689)
13.5 (0.531)
12.5 (0.492)
User Direction Feed
32.0 (1.26)
23.0 (0.905)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.65 (0.0256)
0.55 (0.022)
Lead DIA.
± 1.0 (2)
(± 0.039)
0.6 (0.025)
0.4 (0.016)
13.0 (0.512)
12.4 (0.488)
12.7 (0.50)
(Nominal)
A (1)
B (1)
Note:
(1) Measurement
difference between
leads, A and B =
0.4 (0.016) MAX.
(2) Component
Alignment
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
User Direction Feed
16.0 MIN.
(0.630)
32.0 (1.26)
23.0 (0.905)
5.5 MIN.
(0.217)
(Center to Center)
6.5 MAX.
(0.256)
4.3 (0.169)
3.7 (0.146)
DIA.
5.68 (0.224)
4.68 (0.184)
(Center to Center)
16.5 (0.650)
15.5 (0.610)
1.0 MAX.
(1)
(0.40)
7.0 MIN.
(0.276)
1.3 MIN.
(0.059)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.86 (0.034)
0.55 (0.022)
Lead DIA.
± 1.0
(1)
(± 0.039)
0.6 (0.025)
0.4 (0.016)
13.0 (0.512)
12.4 (0.488)
11.0
MAX.
(0.433)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
12.7 (0.50)
(Nominal)
Note:
(1) Component Alignment


Similar Part No. - TO-263AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TO-263AB VISHAY-TO-263AB Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
logo
Kersemi Electronic Co.,...
TO-263AB KERSEMI-TO-263AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
Vishay Siliconix
TO-263AB VISHAY-TO-263AB Datasheet
147Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 07-Nov-07
logo
Kersemi Electronic Co.,...
TO-263AB KERSEMI-TO-263AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
TO-263AB KERSEMI-TO-263AB Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - TO-263AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
Vishay Siliconix
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
   Packaging Information
Revision: 18-Mar-14
logo
Torex Semiconductor
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
   Packaging Information
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
   Packaging Information
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
logo
Torex Semiconductor
SOT-323 TOREX-SOT-323 Datasheet
134Kb / 2P
   Packaging Information
TO-92 TOREX-TO-92 Datasheet
182Kb / 3P
   Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com