Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0805K14G Datasheet(PDF) 2 Page - EPCOS

Part # CT0805K14G
Description  Ceramic transient voltage suppressors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT0805K14G Datasheet(HTML) 2 Page - EPCOS

  CT0805K14G Datasheet HTML 1Page - EPCOS CT0805K14G Datasheet HTML 2Page - EPCOS CT0805K14G Datasheet HTML 3Page - EPCOS CT0805K14G Datasheet HTML 4Page - EPCOS CT0805K14G Datasheet HTML 5Page - EPCOS CT0805K14G Datasheet HTML 6Page - EPCOS CT0805K14G Datasheet HTML 7Page - EPCOS CT0805K14G Datasheet HTML 8Page - EPCOS CT0805K14G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ceramic transient voltage suppressors
B72510E0140K062
SMD multilayer varistor, E series
CT0805K14G
PPD ML PD
2012-02-15
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
Description
The E series multilayer ceramic varistors has been developed to protect automotive
electronic circuits against transient overvoltages, such as electrostatic discharges and surge
currents.
Features
Reliable ESD protection up to 30 kV acc. to IEC 61000-4-2
High energy absorption capability
Low leakage current
No temperature derating up to 150 °C
High life time robustness
Stable protection level
RoHS-compatible, lead-free
Qualified based on AEC-Q200
PSpice simulation models available
Designation system
CT
C
hip with three-layer-termination (Ag/Ni/Sn)
0805
Dimensions of the device 08 x 05 (length x width in 1/100 inch)
K
Tolerance of the varistor voltage (±10%)
14
Maximum RMS operating voltage
G
Taped version, cardboard tape, 7" reel (3000 pcs./ reel)


Similar Part No. - CT0805K14G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0805K14G EPCOS-CT0805K14G Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CT0805K14G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com