Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72520E0170K062 Datasheet(PDF) 3 Page - EPCOS

Part # B72520E0170K062
Description  Ceramic transient voltage suppressors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72520E0170K062 Datasheet(HTML) 3 Page - EPCOS

  B72520E0170K062 Datasheet HTML 1Page - EPCOS B72520E0170K062 Datasheet HTML 2Page - EPCOS B72520E0170K062 Datasheet HTML 3Page - EPCOS B72520E0170K062 Datasheet HTML 4Page - EPCOS B72520E0170K062 Datasheet HTML 5Page - EPCOS B72520E0170K062 Datasheet HTML 6Page - EPCOS B72520E0170K062 Datasheet HTML 7Page - EPCOS B72520E0170K062 Datasheet HTML 8Page - EPCOS B72520E0170K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ceramic transient voltage suppressors
B72520E0170K062
SMD multilayer varistor, E series
CT1206K17G
PPD ML PD
2012-05-21
Please read Cautions and warnings and
Page 3 of 14
Important notes at the end of this document.
Electrical data
Max. operating voltage
RMS voltage
V
RMS
= 17 V
DC voltage
V
DC
= 22 V
Varistor voltage (@ 1 mA, 25 °C)
V
V
= 24.3 … 29.7 V
Maximum clamping voltage (@ 1 A)
V
clamp,max
= 44 V
Max. leakage current (@ 22 V, 25 °C)
Ileak,max
= 70 µA
Typical leakage current (@ 14 V, 25 °C)
Ileak
= <2 µA
Maximum average power dissipation
P
diss,max
= 8 mW
Maximum surge current (8/20 µs)
Isurge,max = 1 x 200 A
Maximum energy absorption (2 ms)
W
max
= 600 mJ
Capacitance (@ 1 kHz, 1 V, 25 °C; typical)
Ctyp
= 650 pF
Response time
<0.5 ns
Operating temperature
–55 ... +150 °C
Storage temperature (mounted parts)
–55 ... +150 °C


Similar Part No. - B72520E0170K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0140K062 EPCOS-B72520E0140K062 Datasheet
200Kb / 14P
   Ceramic transient voltage suppressors
More results

Similar Description - B72520E0170K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com