Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0503BAHTG Datasheet(PDF) 6 Page - Littelfuse

Part # SP0503BAHTG
Description  30pF 30kV Unidirectional TVS Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0503BAHTG Datasheet(HTML) 6 Page - Littelfuse

  SP0503BAHTG Datasheet HTML 1Page - Littelfuse SP0503BAHTG Datasheet HTML 2Page - Littelfuse SP0503BAHTG Datasheet HTML 3Page - Littelfuse SP0503BAHTG Datasheet HTML 4Page - Littelfuse SP0503BAHTG Datasheet HTML 5Page - Littelfuse SP0503BAHTG Datasheet HTML 6Page - Littelfuse SP0503BAHTG Datasheet HTML 7Page - Littelfuse SP0503BAHTG Datasheet HTML 8Page - Littelfuse SP0503BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
20
TVS Diode Arrays (SPAFamily of Products)
Revision: March 20, 2012
SP050xBA Lead-Free/Green Series
General Purpose ESD Protection - SP05 Series
Part Numbering System
Lead Plating
“G” Green version - Matte Tin (Sn)
Lead Material
Copper / Iron Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Product Characteristics
Ordering Information
Part Number
CH
Package Type
Quantity Per Reel
SP0502BAHTG
2
SOT23-3
3000
SP0503BAHTG
3
SOT143-4
3000
SP0504BAHTG
4
SOT23-5
3000
SP0505BAHTG
5
SOT23-6
3000
SP0506BAATG
6
MSOP-8
4000
SP0502BAJTG
2
SC70-3
3000
SP0504BAJTG
4
SC70-5
3000
SP0505BAJTG
5
SC70-6
3000
Notes:
1.
All dimensions are in millimeters.
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.
SP0502 *** TG
Silicon Protection
Array (SPA
TM)
Family of
TVS Diode Arrays
Series
Number of Channels
02 = 2 channel (SC70-3, SOT23 packages)
03 = 3 channel (SOT143 package)
04 = 4 channel (SC70-5, SOT23-5 package)
05 = 5 channel (SC70-6, SOT23-6 packages)
06 = 6 channel (MSOP-8 package)
Package
BAA = MSOP-8
BAH = SOT23-3, -5, -6 or
SOT143-4
BAJ = SC70-3, -5 or -6
T= Tape & Reel
Blank = NOT Green/RoHS/Lead Free*
G= Green/RoHS/Lead Free Product
*NOTE: To order NON-Green/RoHS/Lead Free version of product,
remove “G” at the end of part number.
506 B
D
E1
E
A
A1
B
C
L1
L2
LF
SP0506BAATG - MSOP-8
Package
MSOP
Pins
8
JEDEC
MO-187
Millimeters
Inches
Min
Max
Min
Max
D
2.90
3.10
0.114
.122
E
4.78
4.98
.188
.196
E1
2.90
3.10
.114
.122
A
0.87
1.17
.034
.046
A1
0.05
0.25
.002
0.010
B
-
0.30TYP
-
0.012TYP
C
-
0.65TYP
-
0.026TYP
L1
0.52
0.54
0.020
0.021
L2
-
0.18TYP
-
.007TYP
F
-
5.28
-
.208
F1
-
4.24
-
.167
G
-
0.65
-
0.026
H
-
0.38
-
.015
F1
F
I
H
G
Recommended Pad Layout
Package Dimensions — MSOP


Similar Part No. - SP0503BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0503BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
   30pF 30kV Unidirectional Discrete TVS
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
   SP1044 Series 30pF 30kV Unidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
   SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
   30pF 30kV Bidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
   30pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com