Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12D4815C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NCS12D4815C
Description  Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS12D4815C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button NCS12D4815C Datasheet HTML 3Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 4Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 5Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 9Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 10Page - Murata Power Solutions Inc. NCS12D4815C Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCS12 Series
Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
KDC_NCS12C.A02 Page 7 of 14
All enquiries: www.murata-ps.com/support
www.murata-ps.com
TEMPERATURE DERATING
NCS12S1203C
NCS12S1205C
NCS12S1212C
NCS12S1215C
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage Range = 9-36V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage Range = 9-36V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage Range = 9-36V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage Range = 9-36V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage = 12V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage = 12V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage = 12V
still air
100 lfm
200 lfm
400 lfm
0
2
4
6
8
10
12
-40
-20
0
20406080
Input Voltage = 12V
still air
100 lfm
200 lfm
400 lfm


Similar Part No. - NCS12D4815C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12D4815C MURATA-PS-NCS12D4815C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
More results

Similar Description - NCS12D4815C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com