Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8406IZDQ Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE8406IZDQ
Description  14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8406IZDQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE8406IZDQ Datasheet HTML 5Page - Texas Instruments AFE8406IZDQ Datasheet HTML 6Page - Texas Instruments AFE8406IZDQ Datasheet HTML 7Page - Texas Instruments AFE8406IZDQ Datasheet HTML 8Page - Texas Instruments AFE8406IZDQ Datasheet HTML 9Page - Texas Instruments AFE8406IZDQ Datasheet HTML 10Page - Texas Instruments AFE8406IZDQ Datasheet HTML 11Page - Texas Instruments AFE8406IZDQ Datasheet HTML 12Page - Texas Instruments AFE8406IZDQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 151 page
background image
AFE8406
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
www.ti.com
SLWS168C – MAY 2005 – REVISED OCTOBER 2008
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
MIN
TYP MAX
UNIT
Control hold during writes.
tCHD
3 pin mode: a[5:0] and d[15:0] valid after wr_n and ce_n rise
6
ns
2 pin mode: a[5:0], d[15:0] and wr_n valid after ce_n rise (2)
tCSPW
Control strobe (ce_n and wr_n low) pulse duration during write. (2)
25
ns
tCDLY
Control output delay ce_n and rd_n low and a[5:0] stable to d[15:0] during read. (2)
25
ns
tREC
Control recovery time between reads or writes. (2)
6
ns
tHIZ
Control end of read to Hi-Z. rd_n and ce_n rise to d[15:0] 3-state (4)
10
ns
tCOH
Control read d[15:0] output hold time
1
ns
(4)
Specified by design and process, and not directly tested.
Submit Documentation Feedback
SPECIFICATIONS
9


Similar Part No. - AFE8406IZDQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8406TBD TI-AFE8406TBD Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
More results

Similar Description - AFE8406IZDQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD6654 AD-AD6654 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com